Electronic Components Datasheet Search
  English  ▼

X  

MF72 Datasheet(PDF) 4 Page - Cantherm

Part # MF72
Description  Power NTC Thermistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANTHERM [Cantherm]
Direct Link  https://www.cantherm.com/
Logo CANTHERM - Cantherm

MF72 Datasheet(HTML) 4 Page - Cantherm

  MF72 Datasheet HTML 1Page - Cantherm MF72 Datasheet HTML 2Page - Cantherm MF72 Datasheet HTML 3Page - Cantherm MF72 Datasheet HTML 4Page - Cantherm  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
8415 Mountain Sights Avenue • Montreal (Quebec), H4P 2B8, Canada
Tel: (514) 739-3274 • 1-800-561-7207 • Fax: (514) 739-2902 • E-mail: sales@cantherm.com
Website: www.cantherm.com | Division of Microtherm
2012/Nov MF72
C
US
Part No.
R25
(Ω)
Max.
Steady
State
Current
(A)
Approx.
R of Max.
Current
(Ω)
Dissip.
Coef.
(mW/ºC)
Thermal
Time
Constant
(S)
Max.
Load
Capacitance
in uF
UL
120 VAC
240VAC
MF72-8D13
8
4
0.194
15
60
1320
330
√
MF72-10D13
10
4
0.206
15
65
1320
330
√
MF72-12D13
12
3
0.316
16
65
1320
330
√
MF72-15D13
15
3
0.335
16
60
1320
330
√
MF72-16D13
16
3
0.338
16
60
1320
330
√
MF72-20D13
20
3
0.372
16
65
1320
330
√
MF72-30D13
30
2.5
0.517
16
65
1320
330
√
MF72-47D13
47
2
0.810
17
65
880
220
√
MF72-120D13
120
1.2
2.124
16
65
880
220
√
MF72-1.3D15
1.3
8
0.048
18
68
1320
330
√
MF72-1.5D15
1.5
8
0.052
19
69
1320
330
√
MF72-3D15
3
7
0.075
18
76
1320
330
√
MF72-5D15
5
6
0.112
20
76
1880
470
√
MF72-6D15
6
5
0.155
20
80
1880
470
√
MF72-7D15
7
5
0.173
20
80
1880
470
√
MF72-8D15
8
5
0.178
20
80
1880
470
√
MF72-10D15
10
5
0.180
20
75
1880
470
√
MF72-12D15
12
4
0.250
20
75
1880
470
√
MF72-15D15
15
4
0.268
21
85
1880
470
√
MF72-16D15
16
4
0.276
21
70
1880
470
√
MF72-20D15
20
4
0.288
17
86
1880
470
√
MF72-30D15
30
3.5
0.438
18
75
1320
330
√
Operating Temperature: -55 to 200ºC
MF72-0.7D25
0.7
12
0.014
30
120
2240
560
MF72-1.5D25
1.5
10
0.027
30
121
2240
560
MF72-3D25
3
9
0.044
32
124
2240
560
MF72-5D25
5
8
0.070
32
125
2720
680
MF72-8D25
8
7
0.114
33
125
2720
680
MF72-10D25
10
7
0.130
32
125
2720
680
MF72-12D25
12
6
0.156
32
126
3280
820
MF72-16D25
16
6
0.160
35
126
3280
820
Note: Unless otherwise specified, the allowable tolerance of R25 is +/- 20%
Specifications may change without notice.
Part No.
R25
(Ω)
Max.
Steady
State
Current
(A)
Approx.
R of Max.
Current
(Ω)
Dissip.
Coef.
(mW/ºC)
Thermal
Time
Constant
(S)
Max.
Load
Capacitance
in uF
UL
120VAC
240 VAC
MF72-47D15
47
3
0.680
21
86
1320
330
√
MF72-120D15
120
1.8
1.652
22
87
1320
330
√
MF72-0.7D20
0.7
11
0.018
25
89
1880
470
√
MF72-1.3D20
1.3
9
0.037
24
88
1880
470
√
MF72-3D20
3
8
0.055
24
88
1880
470
√
MF72-5D20
5
7
0.087
23
87
2240
560
√
MF72-6D20
6
6
0.113
25
103
2240
560
√
MF72-8D20
8
6
0.142
25
105
2240
560
√
MF72-10D20
10
6
0.162
24
102
2240
560
√
MF72-12D20
12
5
0.195
24
100
2720
680
√
MF72-16D20
16
5
0.212
25
100
2720
680
√
Main Techno-Parameter (cont.)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com