Electronic Components Datasheet Search
  English  ▼

X  

35271 Datasheet(PDF) 1 Page - MENDA

Part # 35271
Description  durAstatic® Orange Dissipative Bottles
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MENDA [MENDA]
Direct Link  https://menda.descoindustries.com/
Logo MENDA - MENDA

35271 Datasheet(HTML) 1 Page - MENDA

  35271 Datasheet HTML 1Page - MENDA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2017 DESCO INDUSTRIES INC.
Employee Owned
3651 WALNUT AVE., CHINO, CA 91710
PHONE: (909) 627-2453
WEBSITE: MendaPump.com
DATE:
November
2017
DRAWING NUMBER
35270
durAstatic® Orange Dissipative Bottles
Specifications and procedures subject to change without notice.
One-Touch Pump
Unless otherwise noted, tolerance ± 10%
Description
•
HDPE durAstatic® Bottles are dissipative and are designed to
protect your valuable static sensitive printed circuitry
•
No migratory additives - reduces the chance for contamination from the bottle
•
Embossed with ESD protective symbol, allowing people to immediately know the
bottle is ESD protective
•
Long lasting dissipative properties:
Rtt: 1 x 104 to <1 x 1011 ohms tested per ANSI/ESD STM11.12
<2 second charge decay, tested per IEC 61340-5-1:1998
•
Dispenses approximately 0.2cc of liquid with each pump
•
Genuine Menda “dish-type” liquid dispenser pumps and bottle one-handed
operation dispensing small amount of liquid into top dish
• Genuine Made in the United States of America Menda pump and bottle - accept
no substitutes
“It should be understood that any object, item, material or person could be a source of
static electricity in the work environment. Removal of unnecessary nonconductors, replacing
nonconductive materials with dissipative or conductive materials and grounding all conductors
are the principle methods of controlling static electricity in the workplace, regardless of the
activity.” (ESD Handbook ESD TR20.20 section 2.4 Sources of Static Electricity)
Item
Description
Height*
35270 6 oz. (180mL) Bottle, One-Touch Pump
4.2" (106.7 mm)
35271 6 oz. (180mL) Acetone Printed Bottle, One-Touch Pump
4.2" (106.7 mm)
35272 6 oz. (180mL) IPA Printed Bottle, One-Touch Pump
4.2" (106.7 mm)
35597 6 oz. (180mL) Flux Remover Printed Bottle, One-Touch Pump 4.2ʺ (106.7 mm)
Made in the
United States of America
6 oz. bottles include
measurements on one side
to see how much fluid is left
in the container
35270
Note: Printed bottles
eliminate the need for
additional labels - custom
printing available.
*NOTE: Heights include the bottle with the dispenser


Similar Part No. - 35271

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
35270-0111 MOLEX4-35270-0111 Datasheet
72Kb / 2P
6.00mm (.236") Tab Wire-to-Wire Receptacle Housing
35270-0111 MOLEX11-35270-0111 Datasheet
57Kb / 1P
6.00mm Tab Wire-to-Wire Receptacle Housing, Secondary Lock, Right style, 1 Circuit
35270-0120 MOLEX11-35270-0120 Datasheet
39Kb / 1P
6.00mm Tab Wire-to-Wire Receptacle Housing, Secondary Lock, 1 Circuit
35270-0210 MOLEX4-35270-0210 Datasheet
75Kb / 2P
6.00mm (.236") Tab Wire-to-Wire Receptacle Housing, Secondary Lock, 2 Circuits
35270-0210 MOLEX11-35270-0210 Datasheet
38Kb / 1P
6.00mm Tab Wire-to-Wire Receptacle Housing, Secondary Lock, 2 Circuits
More results

Similar Description - 35271

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
715P12392J VISHAY-715P12392J Datasheet
148Kb / 7P
Polypropylene Film Capacitors ORANGE DROP® , Low Loss
13-Nov-03
288P VISHAY-288P Datasheet
101Kb / 3P
R-C Arc Suppressors ORANGE DROP®, Radial Lead
13-Nov-03
225P VISHAY-225P Datasheet
97Kb / 5P
Polyester Capacitors Filmite® “E”, ORANGE DROP®, Radial Lead
19-Feb-07
logo
List of Unclassifed Man...
14244 ETC2-14244 Datasheet
216Kb / 1P
Micastat Dissipative Laminate
49109 ETC2-49109 Datasheet
35Kb / 1P
TRANSPARENT STATIC DISSIPATIVE (PINK POLY)
35276 ETC2-35276 Datasheet
245Kb / 1P
Yellow Dissipative Bottles
35282 ETC2-35282 Datasheet
283Kb / 1P
Blue Dissipative Bottles
47200 ETC-47200 Datasheet
531Kb / 1P
ESD DISSIPATIVE TURNTABLE
June 2016
logo
Bertech.
ESDFC-B-5 BERTECH-ESDFC-B-5 Datasheet
159Kb / 1P
Static Dissipative Finger Cots
logo
Lapp.
0019700 LAPP-0019700 Datasheet
69Kb / 1P
OLFLEX® CLASSIC 110 ORANGE
01.01.2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com