Electronic Components Datasheet Search
  English  ▼

X  

35595 Datasheet(PDF) 1 Page - MENDA

Part # 35595
Description  durAstatic® Yellow Dissipative Bottles
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MENDA [MENDA]
Direct Link  https://menda.descoindustries.com/
Logo MENDA - MENDA

35595 Datasheet(HTML) 1 Page - MENDA

  35595 Datasheet HTML 1Page - MENDA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2020 DESCO INDUSTRIES INC
Employee Owned
3651 WALNUT AVE., CHINO, CA 91710
PHONE: (909) 627-2453
WEBSITE: MendaPump.com
DATE:
July
2020
DRAWING NUMBER
35276
durAstatic® Yellow Dissipative Bottles
Specifications and procedures subject to change without notice.
One-Touch Pump
Unless otherwise noted, tolerance ± 10%
Description
•
HDPE durAstatic® Bottles are dissipative and are designed to
protect your valuable static sensitive printed circuitry
•
No migratory additives - reduces the chance for contamination from the bottle
•
Embossed with ESD protective symbol, allowing people to immediately know the
bottle is ESD protective
•
Long lasting dissipative properties:
Rtt: 1 x 104 to <1 x 1011 ohms tested per ANSI/ESD STM11.12
<2 second charge decay, tested per IEC 61340-2-3:2016
•
Dispenses approximately 0.2cc of liquid with each pump
•
Genuine Menda “dish-type” liquid dispenser pumps and bottle one-handed
operation dispensing small amount of liquid into top dish
• Genuine Made in the United States of America Menda pump and bottle - accept no
substitutes
“It should be understood that any object, item, material or person could be a source of
static electricity in the work environment. Removal of unnecessary nonconductors, replacing
nonconductive materials with dissipative or conductive materials and grounding all conductors are
the principle methods of controlling static electricity in the workplace, regardless of the activity.”
(ESD Handbook ESD TR20.20 section 2.4 Sources of Static Electricity)
Item
Description
Height*
35276 6 oz. (180mL) Bottle, One-Touch Pump
4.2" (106.7 mm)
35267 6 oz. (180mL) Bottle, Pure-Touch Pump
4.2” (106.7 mm)
35268 6 oz. (180mL) Bottle, Pure-Take Pump
4.2” (106.7 mm)
35277 6 oz. (180mL) Acetone Printed Bottle, One-Touch Pump
4.2" (106.7 mm)
35278 6 oz. (180mL) IPA Printed Bottle, One-Touch Pump
4.2" (106.7 mm)
35595 6 oz. (180mL) Flux Remover Printed Bottle, One-Touch Pump 4.2ʺ (106.7 mm)
Made in the
United States of America
6 oz. bottles include
measurements on one side
to see how much fluid is left
in the container
35276
*NOTE: Heights include the bottle with the dispenser lid closed
Note: Printed bottles
eliminate the need for
additional labels - custom
printing available.
Pure-Touch Pump
Pure-Take Pump


Similar Part No. - 35595

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3559 ETC-3559 Datasheet
77Kb / 1P
Heyco짰 Threaded Vent Plugs
logo
Heyco.
3559 HEYCO-3559 Datasheet
88Kb / 1P
Threaded Vent Plugs
logo
Adafruit Industries
3559 ADAFRUIT-3559 Datasheet
473Kb / 2P
DIY HDMI Cable Parts - Straight Micro HDMI Socket Adapter
logo
Keystone Electronics Co...
3559 KEYSTONE-3559 Datasheet
1Mb / 4P
“AUTO” FUSE CLIPS & HOLDERS
31-07 20th
logo
MENDA
35591 MENDA-35591 Datasheet
195Kb / 1P
durAstatic® Yellow Dissipative Bottles Only
January2021
More results

Similar Description - 35595

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
07405 ETC2-07405 Datasheet
227Kb / 1P
3 Ring Dissipative Binders without Pockets
16251 ETC2-16251 Datasheet
108Kb / 1P
STATFREE B MATERIAL, VINYL, DISSIPATIVE, HOMOGENEOUS, .100 & .060
16260 ETC2-16260 Datasheet
51Kb / 2P
STATFREE MATERIAL, VINYL, DISSIPATIVE, HOMOGENEOUS, .100 (2.5MM)
14244 ETC2-14244 Datasheet
216Kb / 1P
Micastat Dissipative Laminate
47511 ETC2-47511 Datasheet
67Kb / 1P
Dissipative Card Holder, With ESD Susceptibility Symbol
49109 ETC2-49109 Datasheet
35Kb / 1P
TRANSPARENT STATIC DISSIPATIVE (PINK POLY)
35276 ETC2-35276 Datasheet
245Kb / 1P
Yellow Dissipative Bottles
35282 ETC2-35282 Datasheet
283Kb / 1P
Blue Dissipative Bottles
47200 ETC-47200 Datasheet
531Kb / 1P
ESD DISSIPATIVE TURNTABLE
June 2016
logo
Bertech.
ESDFC-B-5 BERTECH-ESDFC-B-5 Datasheet
159Kb / 1P
Static Dissipative Finger Cots
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com