Electronic Components Datasheet Search
  English  ▼

X  

35599 Datasheet(PDF) 1 Page - MENDA

Part # 35599
Description  FLUX DISPENSER WITH 18, 20, AND 26 GA NEEDLE TIPS,durAstatic® 2 OZ
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MENDA [MENDA]
Direct Link  https://menda.descoindustries.com/
Logo MENDA - MENDA

35599 Datasheet(HTML) 1 Page - MENDA

  35599 Datasheet HTML 1Page - MENDA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2017 DESCO INDUSTRIES INC.
Employee Owned
DRAWING
NUMBER
35598
DATE:
January
2017
FLUX DISPENSER WITH 18, 20, AND 26 GA NEEDLE TIPS,
durAstatic® 2 OZ
Specifications and procedures subject to change without notice. Unless otherwise noted, tolerance is ±10%.
3651 WALNUT AVE., CHINO, CA 91710
PHONE: (909) 627-2453
WEBSITE:
MendaPump.com
Made in the
United States of America
FEATURES
•
Low Density Polyethylene (LDPE) durAstatic® liquid dispensing flux bottles with needle tips
are safe to use around static sensitive components
•
ESD properties are embedded into the bottle and conductive cap for longer product life
•
Silicone Free - No migratory additives or surfactants to cause contamination or oily surface
•
Volume Resistance: 1 x 107 ohms to < 1 x 1010 ohms per ANSI/ESD STD11.12
•
Embossed with ESD protective symbol
•
Available with 3 different needle tip sizes: 18, 20, 26 GA
•
Available in 2 colors: Blue and Yellow
•
Made in the United States of America
18
20
26
Yellow
Blue
1-1/2"
(38 mm)
2-3/4"
(70 mm)
1- 3/4"
(44 mm)
1"
(26 mm)
Item No.
Bottle Color
Needle Gauge (GA)
35598
Blue
18, 20, 26
35599
Yellow
18, 20, 26
Part
Material
Material Property
Black Cap
Polypropylene/TPE
Conductive
Bottle (2 oz)
LDPE
Dissipative
Needle
Stainless-Steel
Conductive
Luer Lock Hub Polypropylene
Insulative
Embossed ESD Logo
Needle Gauge (GA)


Similar Part No. - 35599

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3559 ETC-3559 Datasheet
77Kb / 1P
Heyco짰 Threaded Vent Plugs
logo
Heyco.
3559 HEYCO-3559 Datasheet
88Kb / 1P
Threaded Vent Plugs
logo
Adafruit Industries
3559 ADAFRUIT-3559 Datasheet
473Kb / 2P
DIY HDMI Cable Parts - Straight Micro HDMI Socket Adapter
logo
Keystone Electronics Co...
3559 KEYSTONE-3559 Datasheet
1Mb / 4P
“AUTO” FUSE CLIPS & HOLDERS
31-07 20th
logo
MENDA
35591 MENDA-35591 Datasheet
195Kb / 1P
durAstatic® Yellow Dissipative Bottles Only
January2021
More results

Similar Description - 35599

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4988 POMONA-4988 Datasheet
19Kb / 1P
Needle Tip, Replacement
logo
List of Unclassifed Man...
1661 ETC2-1661 Datasheet
99Kb / 1P
TEST TIPS AND PLUGS
KE325 ETC2-KE325 Datasheet
97Kb / 2P
LDPE bottle and swan-neck spout made with and durAstatic technology
PT-B7 ETC2-PT-B7 Datasheet
95Kb / 1P
Soldering Tips and Nozzles
BU-50C ETC2-BU-50C Datasheet
53Kb / 1P
Meter Testing Clip With Needle
logo
STMicroelectronics
AN1299 STMICROELECTRONICS-AN1299 Datasheet
724Kb / 30P
L638xE tricks and tips
01-Aug-2008
logo
Fairchild Semiconductor
AN4141 FAIRCHILD-AN4141 Datasheet
200Kb / 9P
Troubleshooting and Design Tips
logo
PHOENIX CONTACT
1014401 PHOENIX-1014401 Datasheet
41Kb / 2P
Label dispenser - THERMOMARK ROLL X1 -DISPENSER
logo
BELIMO AIRCONTROLS (USA...
LMB24-10P-HM BELIMO-LMB24-10P-HM Datasheet
382Kb / 2P
24 VAC, 짹20%, 50/60 Hz, 24 VDC, 짹10% 18 GA plenum cable with 1/2?
logo
Toshiba Semiconductor
42HL196 TOSHIBA-42HL196 Datasheet
422Kb / 10P
Service Material and Reference Tips
7/6/2007
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com