Electronic Components Datasheet Search
  English  ▼

X  

35621 Datasheet(PDF) 1 Page - MENDA

Part # 35621
Description  Prober, Soldering Tool, Nylon
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MENDA [MENDA]
Direct Link  https://menda.descoindustries.com/
Logo MENDA - MENDA

35621 Datasheet(HTML) 1 Page - MENDA

  35621 Datasheet HTML 1Page - MENDA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2007 DESCO INDUSTRIES INC.
Employee Owned
3651 WALNUT AVE., CHINO, CA 91710
PHONE: (909) 627-2453 • FAX: (951) 755-8848
WEBSITE: MendaPump.com
DRAWING NUMBER
35621
DATE:
November
2007
Prober, Soldering Tool, Nylon
A. MATERIAL: 15% Glass Filled Supertough Nylon
B. The hygroscopic (readily accepts moisture) properties
of Nylon will make this tool suitable for use around ESD
sensitive components after a few minutes of handling the
tool with bare hands. If used with gloves in a clean
environment the tools must be dipped in a topical
antistatic solution before use in sensitive areas. Topical
treatment should be repeated at six month intervals.
Without exposure to moisture or antistatic treatment,
Nylon is in the insulative resistance range and charges
will not be removed to ground.
C. Flat "screwdriver" surface for spudging wire leads
down flat on circuit boards.
D. Pointed end for forming wire leads or for use as
pointer probe for holding objects for soldering.
Melting Point: 505ºF (263ºC)
Made in America


Similar Part No. - 35621

ManufacturerPart #DatasheetDescription
logo
KNIPEX
3562145 KNIPEX-3562145 Datasheet
116Kb / 2P
Electronics Pliers
05.07.2021
3562145ESD KNIPEX-3562145ESD Datasheet
103Kb / 1P
Electronics Pliers ESD
07.03.2024
More results

Similar Description - 35621

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LBH1035 ETC-LBH1035 Datasheet
187Kb / 16P
Soldering methods : IR reflow soldering
logo
Emerson Network Power
C-140-0000-973 EMERSON-NETWORKPOWER-C-140-0000-973 Datasheet
54Kb / 1P
SMA JACK END LAUNCH ASSEMBLY LOCATION SOLDERING TOOL
logo
List of Unclassifed Man...
XYB02 ETC2-XYB02 Datasheet
63Kb / 1P
SOLDERING TIPS
35123 ETC2-35123 Datasheet
19Kb / 1P
Prober, Stainless Steel, Hook
STTC-817 ETC2-STTC-817 Datasheet
242Kb / 3P
Soldering Tips
WPT2 ETC2-WPT2 Datasheet
35Kb / 1P
.079" Chisel Tip for WSTA3 and WPA2 Pyropen Soldering Tool
WPAB ETC2-WPAB Datasheet
31Kb / 1P
Burner for WSTA3 Pyropen Soldering Tool
logo
MERITEK ELECTRONICS COR...
WL MERITEK-WL Datasheet
1Mb / 15P
Very strong solderability by flow soldering, soldering iron or wave soldering
logo
LUXPIA
LWM1052N2 LUXPIA-LWM1052N2 Datasheet
596Kb / 17P
Soldering methods
logo
Molex Electronics Ltd.
ATS-640050600 MOLEX-ATS-640050600 Datasheet
435Kb / 7P
Air Crimp Tool Head for Nylon Closed Connectors
07-08-16
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com