Electronic Components Datasheet Search
  English  ▼

X  

35622 Datasheet(PDF) 1 Page - MENDA

Part # 35622
Description  PROBER, SOLDERING TOOL, NYLON
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MENDA [MENDA]
Direct Link  https://menda.descoindustries.com/
Logo MENDA - MENDA

35622 Datasheet(HTML) 1 Page - MENDA

  35622 Datasheet HTML 1Page - MENDA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2018 DESCO INDUSTRIES INC.
Employee Owned
3651 WALNUT AVE., CHINO, CA 91710
PHONE: (909) 627-2453
WEBSITE:
MendaPump.com
DRAWING NUMBER
35622
DATE:
February
2018
PROBER, SOLDERING TOOL, NYLON
A. MATERIAL: 15% Glass Filled Supertough Nylon, UL94 Rated
B. The hygroscopic (readily accepts moisture) properties of
Nylon may make this tool suitable for use around ESD sensitive
components after a few minutes of handling the tool with bare
hands. Without exposure to moisture or antistatic treatment,
Nylon is in the insulative resistance range and charges will not be
removed to ground.
C. Notch for hooking and pulling wires or components.
D. Flat “screwdriver” surface for spudging wire leads down flat on
circuit boards.
E. Pointed end for forming wire leads or for use as pointer probe
for holding objects for soldering.
F. Letter designation for Date Code
Melting Point: 450°F (232°C)
Made in the
United States of America
.028"
(.7mm)
.248"
(6mm)
.691" (17mm)
.462" (11mm)
.380" (9mm)
.073"
(2mm)
2.25"
(57mm)
6.09"
(150mm)
.110"
(3mm)
.257" (6mm)
.757"
(19mm)
.248"
(6mm)
.169"
(4mm)
Specifications and procedures subject to change without notice.


Similar Part No. - 35622

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
35622 BELDEN-35622 Datasheet
150Kb / 2P
Lead Wire, #22 Str TC, XLPO Ins, AWM 3173
03-04-2023
35622-0025000 BELDEN-35622-0025000 Datasheet
150Kb / 2P
Lead Wire, #22 Str TC, XLPO Ins, AWM 3173
03-04-2023
35622-0055000 BELDEN-35622-0055000 Datasheet
150Kb / 2P
Lead Wire, #22 Str TC, XLPO Ins, AWM 3173
03-04-2023
35622-0105000 BELDEN-35622-0105000 Datasheet
150Kb / 2P
Lead Wire, #22 Str TC, XLPO Ins, AWM 3173
03-04-2023
More results

Similar Description - 35622

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LBH1035 ETC-LBH1035 Datasheet
187Kb / 16P
Soldering methods : IR reflow soldering
logo
Emerson Network Power
C-140-0000-973 EMERSON-NETWORKPOWER-C-140-0000-973 Datasheet
54Kb / 1P
SMA JACK END LAUNCH ASSEMBLY LOCATION SOLDERING TOOL
logo
List of Unclassifed Man...
XYB02 ETC2-XYB02 Datasheet
63Kb / 1P
SOLDERING TIPS
35123 ETC2-35123 Datasheet
19Kb / 1P
Prober, Stainless Steel, Hook
STTC-817 ETC2-STTC-817 Datasheet
242Kb / 3P
Soldering Tips
WPT2 ETC2-WPT2 Datasheet
35Kb / 1P
.079" Chisel Tip for WSTA3 and WPA2 Pyropen Soldering Tool
WPAB ETC2-WPAB Datasheet
31Kb / 1P
Burner for WSTA3 Pyropen Soldering Tool
logo
MERITEK ELECTRONICS COR...
WL MERITEK-WL Datasheet
1Mb / 15P
Very strong solderability by flow soldering, soldering iron or wave soldering
logo
LUXPIA
LWM1052N2 LUXPIA-LWM1052N2 Datasheet
596Kb / 17P
Soldering methods
logo
Molex Electronics Ltd.
ATS-640050600 MOLEX-ATS-640050600 Datasheet
435Kb / 7P
Air Crimp Tool Head for Nylon Closed Connectors
07-08-16
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com