Electronic Components Datasheet Search
  English  ▼

X  

35657 Datasheet(PDF) 1 Page - MENDA

Part # 35657
Description  Cable Covers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MENDA [MENDA]
Direct Link  https://menda.descoindustries.com/
Logo MENDA - MENDA

35657 Datasheet(HTML) 1 Page - MENDA

  35657 Datasheet HTML 1Page - MENDA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2008 DESCO INDUSTRIES INC.
Employee Owned
3651 WALNUT AVE., CHINO, CA 91710
PHONE: (909) 627-2453 • FAX: (909) 755-8848
WEBSITE: www.mendapump.com
DRAWING
NUMBER
35657
DATE:
November
2008
Cable Covers
Made in America
Description:
MENDA’s cable covers can help you! This product is a modular
cover that is 54” long and can easily be cut into three sections or
connected to another cover for longer applications. Not only can it
help manage your cables, it also can protect large cables from wear
with its unique durable woven material.
Features:
• 4” black nylon webbing
• 3 zippers of 18” each
• Zipper sewn on both sides 1” (± .0625”) from end
• Sewn with a poly black thread
• Black hook and loop
• Material: Nylon 6
• Thickness: 0.041” (± 0.007”)
4" ±.125"
RMB-00X TBD ZIPPER
54" ± 1"


Similar Part No. - 35657

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
35657184 ETC-35657184 Datasheet
2Mb / 1P
SEE COMPONENT DRAWING
REV 02
35657185 ETC-35657185 Datasheet
2Mb / 1P
SEE COMPONENT DRAWING
REV 02
35657186 ETC-35657186 Datasheet
2Mb / 1P
SEE COMPONENT DRAWING
REV 02
More results

Similar Description - 35657

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
660-004M20S6 GLENAIR-660-004M20S6 Datasheet
57Kb / 2P
Protective Covers
660-006G16S5 GLENAIR-660-006G16S5 Datasheet
56Kb / 2P
Protective Covers
660-008M20S6 GLENAIR-660-008M20S6 Datasheet
61Kb / 2P
Protective Covers
660-014G16S5 GLENAIR-660-014G16S5 Datasheet
61Kb / 2P
Protective Covers
660-019M16S GLENAIR-660-019M16S Datasheet
62Kb / 2P
Protective Covers
660-047XO23 GLENAIR-660-047XO23 Datasheet
76Kb / 1P
Protective Covers
660-051XO20R6 GLENAIR-660-051XO20R6 Datasheet
258Kb / 1P
Protective Covers
M28840-13HAW GLENAIR-M28840-13HAW Datasheet
79Kb / 1P
Protective Covers
MS17349C-12A GLENAIR-MS17349C-12A Datasheet
76Kb / 1P
Protective Covers
logo
Aries Electronics, Inc.
04-650-10 ARIES-04-650-10 Datasheet
133Kb / 1P
Header Covers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com