Electronic Components Datasheet Search
  English  ▼

X  

36095 Datasheet(PDF) 1 Page - MENDA

Part # 36095
Description  DISSIPATIVE BRUSHES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MENDA [MENDA]
Direct Link  https://menda.descoindustries.com/
Logo MENDA - MENDA

36095 Datasheet(HTML) 1 Page - MENDA

  36095 Datasheet HTML 1Page - MENDA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2018 DESCO INDUSTRIES INC
Employee Owned
3651 WALNUT AVE., CHINO, CA 91710
PHONE: (909) 627-2453
WEBSITE: MendaPump.com
DRAWING
NUMBER
35686
DATE:
August
2018
DISSIPATIVE BRUSHES
Characteristics:
• Allows thorough cleaning of ESD sensitive assemblies without the danger of high
charges generated by conventional brushes
• Conductive carbon loaded polypropylene handle
• Permanent static dissipative bristles, made of Nylon 6.12, superior grade, high quality Nylon filament
• Yellow bristles, 0.4 mm in diameter
• Highly resilient, durable and abrasion resistant
• For cleaning ESD sensitive assemblies
• Hot stamped with ESD protective symbol
• RTT Resistance: 1 x 109 to <1 x 1011 ohms tested per modified ANSI/ESD S4.1
35686
36095
35689
36094
36093
35687
35688
Item
Handle
Type
Overall
Length
Overall
Width
Bristle
Length
Bristle
Width
Bristle
Height
35686
Flat
5-3/16” (148 mm) 1-1/16" (27 mm)
3/4” (19 mm)
7/8” (22 mm)
3/16” (5 mm)
35687
Flat
6-1/4” (159 mm)
2-1/8" (54 mm) 13/16” (21 mm)
2” (51 mm)
3/16” (5 mm)
35688
Long
6” (152 mm)
1/2" (13 mm)
9/16” (14 mm)
1-1/4” (32 mm)
1/4” (6 mm)
35689 Curved
4” (102 mm)
2-3/4" (70 mm)
1” (24 mm)
3” (76 mm)
1-1/4” (32 mm)
36093
Flat
5-1/8” (130 mm)
10/16” (16 mm) 11/16” (17 mm)
7/16” (11 mm)
1/4” (6 mm)
36094
Flat
5-3/4” (146 mm)
7/8” (22 mm)
3/4” (19 mm)
3/4” (19 mm)
3/16” (5 mm)
36095
Flat
6-1/4” (159 mm)
1-5/8” (41 mm) 13/16” (21 mm)
1-7/8” (48 mm)
3/16” (5 mm)
36097
Long
7” (178 mm)
1/2” (13 mm)
3/4” (19 mm)
2-5/16” (59 mm)
3/8” (10 mm)
36097
Dimensions are taken from the bottom of the brush to the top of the bristles.
Designed to fulfill ANSI/ESD S20.20 requirement to ground all conductors at ESD workstation.
ESD Handbook TR20.20 Table 1 lists under Typical Static Electricity Sources “Brushes (camel/pig hair and
synthetic bristles).”
“It should be understood that any object, item, material or person could be a source of static electricity in
the work environment. Removal of unnecessary nonconductors, replacing nonconductive materials with
dissipative or conductive materials and grounding all conductors are the principle methods of controlling
static electricity in the workplace, regardless of the activity.” (TR 20.20 section 2.4)
Specifications and procedures subject to change without notice.
Unless otherwise noted, tolerance is ±10%.
Made in Israel


Similar Part No. - 36095

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3609 3M-3609 Datasheet
1Mb / 5P
3M™ Round Conductor Flat Cable
12-May-2009
logo
List of Unclassifed Man...
3609 ETC2-3609 Datasheet
158Kb / 3P
3/8 Square Drive Sockets, SAE
logo
3M Electronics
3609 3M-3609 Datasheet
848Kb / 3P
3M™ Round Conductor Flat Cable .025 30 AWG Stranded, FEP
October 31, 2013
logo
Heyco.
3609 HEYCO-3609 Datasheet
160Kb / 1P
Cable Holders - Arrowhead Mount
logo
ASSUN MOTOR Pte Ltd.
3609 ASSUN-3609 Datasheet
347Kb / 1P
STANDARD SERIES
2024-A
More results

Similar Description - 36095

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
07405 ETC2-07405 Datasheet
227Kb / 1P
3 Ring Dissipative Binders without Pockets
16251 ETC2-16251 Datasheet
108Kb / 1P
STATFREE B MATERIAL, VINYL, DISSIPATIVE, HOMOGENEOUS, .100 & .060
16260 ETC2-16260 Datasheet
51Kb / 2P
STATFREE MATERIAL, VINYL, DISSIPATIVE, HOMOGENEOUS, .100 (2.5MM)
14244 ETC2-14244 Datasheet
216Kb / 1P
Micastat Dissipative Laminate
47511 ETC2-47511 Datasheet
67Kb / 1P
Dissipative Card Holder, With ESD Susceptibility Symbol
49109 ETC2-49109 Datasheet
35Kb / 1P
TRANSPARENT STATIC DISSIPATIVE (PINK POLY)
35276 ETC2-35276 Datasheet
245Kb / 1P
Yellow Dissipative Bottles
35282 ETC2-35282 Datasheet
283Kb / 1P
Blue Dissipative Bottles
47200 ETC-47200 Datasheet
531Kb / 1P
ESD DISSIPATIVE TURNTABLE
June 2016
logo
Bertech.
ESDFC-B-5 BERTECH-ESDFC-B-5 Datasheet
159Kb / 1P
Static Dissipative Finger Cots
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com