Electronic Components Datasheet Search
  English  ▼

X  

PRO14C Datasheet(PDF) 8 Page - Clarke International

Part # PRO14C
Description  SPRAY GUN
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

PRO14C Datasheet(HTML) 8 Page - Clarke International

  PRO14C Datasheet HTML 1Page - Clarke International PRO14C Datasheet HTML 2Page - Clarke International PRO14C Datasheet HTML 3Page - Clarke International PRO14C Datasheet HTML 4Page - Clarke International PRO14C Datasheet HTML 5Page - Clarke International PRO14C Datasheet HTML 6Page - Clarke International PRO14C Datasheet HTML 7Page - Clarke International PRO14C Datasheet HTML 8Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
WARNING
Disconnect the spray gun from the air supply, and relieve any pressure in the
gun and hose, before any disassembly.
It is essential that the spray gun is kept clean. Dried paint in the nozzle assembly or airways
will stop the gun from working. For the gun to perform at its best it must be cleaned and
lubricated after every use.
After use, empty any remaining paint from the paint cup, wipe the cup clean with a dry,
lint free rag, and fill with thinners. Spray the thinners through the spray gun until it is clean.
1.
Immerse only the front end of the gun until solvent just covers the fluid connection.
NOTE : do not submerge the entire spray gun in solvent because :
a, the lubricant in the leather packings will dissolve and the packings will dry out.
b, the lubricant at wear surfaces will dissolve resulting in harder operation and
premature wear.
c, residue from dirty solvent may clog the narrow air passages in the gun.
2. Use a small bristle brush and solvent to wash off accumulated paint.
3. Wipe down the outside of the gun with solvent dampened cloth.
4. Lubricate gun daily, using a light machine oil on :
a, fluid needle packing
b, air valve packing
c, side port control packing
d, trigger pivot point
Coat the fluid control spring with vaseline.
CAUTION : never use silicon based lubricants as this may cause paint finish defects.
DO NOT poke any of the holes in the air cap or nozzle with metal instruments. These holes
are precision drilled, and can be damaged by probing with anything harder than a
wooden toothpick.
Make sure that the air inlet vent to the paint cup is kept clean. Blockages in this vent will
prevent an even material flow to the gun.
Do not mix components from spray guns, even those of the same type. Do not overtighten
components, and be careful not to cross thread any parts on assembly.
Check the air supply hose regularly for any signs of damage, and replace it if necessary.
Do not use damaged or leaking hoses.
MAINTENANCE
PAINT SPRAYING HINTS
WARNING
NEVER attempt to spray unless you are wearing suitable, approved
respiratory and eye protection.
REMEMBER that some modern paints require specialist respiratory
protection...always consult the paint manufacturers instructions.
1. General Preparation
a. Ensure that the area in which you will be spraying is clean and dust free.
b. Connect spray gun to compressor via suitable flexible hose.
c. With no paint in spray gun, test system for air leaks.
d. Cover adjacent pieces of equipment to prevent overspray. Mask areas
of the article not to be sprayed.
e. Ensure surface to be painted is clean, dry and free from oil and dust.
Check paint manufacturer’s instructions for any special surface
preparation required.
REMEMBER - TIME SPENT PREPARING SAVES TIME SPENT FINISHING
2. Paint Preparation
a. Achieve the correct paint viscosity. This should be done according to
paint manufacturer’s instructions, and will vary according to type of paint, (see
paint thinning on page 9).
b. Having mixed the paint thoroughly in a separate container, pour into the
spray gun paint container through a fine filter.
DO NOT OVERFILL SPRAY GUN PAINT CONTAINER - three quarters full is maximum
c. It is usually best to experiment with a couple of practice spray coats on a
piece of material with the same type of surface as the article you wish to
spray, eg. metal for a car body panel, wood for a piece of furniture etc.
d. Some common problems:
PROBLEM
CAUSE
CORRECTION
Paint does not atomise
Paint is too thick.
Add thinners.
(comes out in blobs).
Air pressure is too low.
Increase air pressure.
Paint dries before hitting
Paint is too thin.
Add more paint.
surface, leaving it dry
Air pressure is too high.
Reduce air pressure.
with a rough texture.
Finish is pitted like
Air pressure too high
Reduce air pressure,
Orange peel.
or spray too close to
increase distance between
work.
gun and work.
- 7 -
- 8 -



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com