Electronic Components Datasheet Search
  English  ▼

X  

35781 Datasheet(PDF) 1 Page - MENDA

Part # 35781
Description  CONDUCTIVE D-TYPE CONNECTOR COVERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MENDA [MENDA]
Direct Link  https://menda.descoindustries.com/
Logo MENDA - MENDA

35781 Datasheet(HTML) 1 Page - MENDA

  35781 Datasheet HTML 1Page - MENDA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2023 DESCO INDUSTRIES INC
Employee Owned
3651 WALNUT AVENUE, CHINO, CA 91710
PHONE: (909) 627-2453
WEBSITE: MendaPump.com
DATE:
September
2023
DRAWING NUMBER
35780
CONDUCTIVE D-TYPE CONNECTOR COVERS
Conductive D-Type Connector Cover Features:
Conductive Composite
Permanently volume conductive and free of carbon black particulate. The
connector covers do not leave black marks and are more suited to clean
situations. Meets the requirements of NASM5501 31/32.
Noncorrosive
Connector covers are noncorrosive and produce no visible corrosion when
tested to Federal Test Method 101C using Kovar test plates.
Conformability
The material used in the covers was selected for its resilience. Properly
sized, the covers provide a snug, secure fit. This helps keep connectors
clean and prevents the cover from accidentally falling off.
Specifications and procedures subject to change without notice.
“It should be understood that any object, item, material or person could be a source of static
electricity in the work environment. Removal of unnecessary nonconductors, replacing
nonconductive materials with dissipative or conductive materials and grounding all conductors are
the principle methods of controlling static electricity in the workplace, regardless of the activity.” [ESD
Handbook ESD TR20.20; section 2.4 Sources of Static Electricity]
Unless otherwise noted, tolerance ± 10%
Made in the
United States of America
Part No.
Size Contacts Connector
Type
Shell
Size
“A”
“B”
“C”
“D”
“E”
“F”
“G”
“H”
35780
15P
15
Pin
A/2
1.040" 1.107" 1.177" .512"
.436" .369" .280" .240"
35781
15S
15
Socket
A/2
.955" 1.022" 1.122" .462"
.362" .295" .280" .240"
35782
25P
25
Pin
B/3
1.586" 1.635" 1.735" .530"
.430" .363" .280" .240"
35783
25S
25
Socket
B/3
1.495" 1.562" 1.662" .462"
.362" .295" .280" .240"
35784
37P
37
Pin
C/4
2.216" 2.283" 2.383" .530"
.430" .363" .280" .240"
35785
37S
37
Socket
C/4
2.143" 2.210" 2.310" .462"
.362" .295" .280" .240"
35786
50P
50
Pin
D/5
2.112" 2.179" 2.279" .636"
.536" .469" .280" .240"
35787
50S
50
Socket
D/5
2.049" 2.116" 2.216" .574"
.474" .407" .280" .240"
35788
9P
9
Pin
E/1
.708"
.775"
.849"
.512"
.434" .367" .280" .240"
35789
9S
9
Socket
E/1
.627"
.694"
.794"
.462"
.362" .295" .280" .240"
Material Properties
Test Method
Typical Value
Resistivity
ASTM D991
<105 ohm-cm
Contact Corrosivity
FTM 101C
Method 3005
(Kovar plate)
Pass
Elongation
ASTM D638
24%
Tensile
ASTM D638
2700 psi
Vicat Softening
ASTM MD
1525
85° C
Outgassing
ASTM E595
Pass
Silicone
Silicone free
Maximum Temp.
Exposure
180° F
Chemical Susceptibility*
Reactions
Dilute Acids
Slight Attack
Dilute Alkalines
Slight Attack
Concentrated Acids
Slight Attack
Concentrated Alkalines
Slight Attack
Methanol, Ethanol, and
Isopropanol
Resistant
Hydrocarbons
Slight Attack
Ketones
Slight Attack
Oil and Gasoline
Slight Attack
*ASTM F925
“F”
“H”
“G”
“E” “D”
50S
ATTENTION
ANSI-ESD
S8.1
Size
MENDA
Logo
“A”
“B”
“C”
Packaged 100/pack, 10 packs/case
NSN No. & MIL Spec located here


Similar Part No. - 35781

ManufacturerPart #DatasheetDescription
logo
SAB North America
35781004 SAB-35781004 Datasheet
321Kb / 1P
VFD XLPE Auto TR
35781204 SAB-35781204 Datasheet
321Kb / 1P
VFD XLPE Auto TR
35781404 SAB-35781404 Datasheet
321Kb / 1P
VFD XLPE Auto TR
35781604 SAB-35781604 Datasheet
321Kb / 1P
VFD XLPE Auto TR
More results

Similar Description - 35781

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
660-004M20S6 GLENAIR-660-004M20S6 Datasheet
57Kb / 2P
Protective Covers
660-006G16S5 GLENAIR-660-006G16S5 Datasheet
56Kb / 2P
Protective Covers
660-008M20S6 GLENAIR-660-008M20S6 Datasheet
61Kb / 2P
Protective Covers
660-019M16S GLENAIR-660-019M16S Datasheet
62Kb / 2P
Protective Covers
660-051XO20R6 GLENAIR-660-051XO20R6 Datasheet
258Kb / 1P
Protective Covers
M28840-13HAW GLENAIR-M28840-13HAW Datasheet
79Kb / 1P
Protective Covers
MS17349C-12A GLENAIR-MS17349C-12A Datasheet
76Kb / 1P
Protective Covers
logo
Aries Electronics, Inc.
04-650-10 ARIES-04-650-10 Datasheet
133Kb / 1P
Header Covers
logo
3M Electronics
4270-25Y 3M-4270-25Y Datasheet
84Kb / 2P
4270 Series Electrically Conductive Connector Covers
logo
Copal Electronics
JCL_SERIES COPAL-JCL_SERIES Datasheet
91Kb / 3P
CONDUCTIVE PLASTIC RECTILINEAR TYPE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com