Electronic Components Datasheet Search
  English  ▼

X  

35745 Datasheet(PDF) 1 Page - MENDA

Part # 35745
Description  durAstatic® Dissipative Bottles with GHS Label
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MENDA [MENDA]
Direct Link  https://menda.descoindustries.com/
Logo MENDA - MENDA

35745 Datasheet(HTML) 1 Page - MENDA

  35745 Datasheet HTML 1Page - MENDA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2023 DESCO INDUSTRIES INC
Employee Owned
DATE:
December
2023
DRAWING NUMBER
35730
durAstatic® Dissipative Bottles with GHS Label
Specifications and procedures subject to change without notice.
One-Touch Pump
Unless otherwise noted, tolerance ± 10%
Description
•
High density polyethylene (HDPE) durAstatic® bottles are dissipative
and designed to protect your valuable static sensitive printed circuitry
•
Right-to-Know (RTK) labels inform employees of chemical hazards, as required
by OSHA’s Federal Hazard Communication Standard 29 CFR 1910.1200
•
No migratory additives - reduces the chance for contamination from the bottle
•
Embossed with ESD protective symbol, allowing people to immediately know the bottle is ESD
protective
•
Long lasting dissipative properties:
Rtt: 1 x 104 to <1 x 1011 ohms tested per ANSI/ESD STM11.12
<2 second charge decay, tested per IEC 61340-2-3:2016
•
Dispenses approximately 0.2cc of liquid with each pump
•
Compatible with any 38-400 threaded neck pump or cap
•
Genuine Menda “dish-type” liquid dispenser pumps and bottle one-handed operation dispensing
small amount of liquid into top dish
•
Genuine Made in the United States of America Menda pump and bottle - accept no substitutes
Item
Description
Height*
35249 6 oz. (180mL) Yellow IPA Printed Bottle with One-Touch Pump
4.2" (106.7 mm)
35252 6 oz. (180mL) Orange IPA Printed Bottle with One-Touch Pump
4.2" (106.7 mm)
35253 6 oz. (180mL) Green IPA Printed Bottle with One-Touch Pump
4.2" (106.7 mm)
35254 6 oz. (180mL) Yellow Acetone Printed Bottle with One-Touch Pump
4.2" (106.7 mm)
35257 6 oz. (180mL) Orange Acetone Printed Bottle with One-Touch Pump
4.2" (106.7 mm)
35258 6 oz. (180mL) Green Acetone Printed Bottle with One-Touch Pump
4.2" (106.7 mm)
35730 6 oz. (180mL) Blue Acetone Printed Bottle with One-Touch Pump
4.2" (106.7 mm)
35731 6 oz. (180mL) Blue Acetone Printed Bottle, Bottle Only
4" (101.6 mm)
35732 6 oz. (180mL) Green Acetone Printed Bottle, Bottle Only
4" (101.6 mm)
35733 6 oz. (180mL) Yellow Acetone Printed Bottle, Bottle Only
4" (101.6 mm)
35734 6 oz. (180mL) Orange Acetone Printed Bottle, Bottle Only
4" (101.6 mm)
35735 6 oz. (180mL) Blue IPA Printed Bottle with One-Touch Pump
4.2" (106.7 mm)
35736 6 oz. (180mL) Blue IPA Printed Bottle, Bottle Only
4" (101.6 mm)
35737 6 oz. (180mL) Green IPA Printed Bottle, Bottle Only
4" (101.6 mm)
35738 6 oz. (180mL) Yellow IPA Printed Bottle, Bottle Only
4" (101.6 mm)
35739 6 oz. (180mL) Orange IPA Printed Bottle, Bottle Only
4" (101.6 mm)
35745 6 oz. (180mL) Blue IPA Printed Bottle with Pure-Touch Pump
4.2" (106.7 mm)
35760 6 oz. (180mL) Blue Toluene Printed Bottle with One-Touch Pump
4.2" (106.7 mm)
35761 6 oz. (180mL) Blue Toluene Printed Bottle, Bottle Only
4" (101.6 mm)
35762 6 oz. (180mL) Green Toluene Printed Bottle, Bottle Only
4" (101.6 mm)
35763 6 oz. (180mL) Yellow Toluene Printed Bottle, Bottle Only
4" (101.6 mm)
35764 6 oz. (180mL) Orange Toluene Printed Bottle, Bottle Only
4" (101.6 mm)
36192 8 oz. (240mL) Blue IPA Printed Bottle with One-Touch Pump
5" (127 mm)
Made in the
United States of America
6 oz. bottles include
measurements on one side to
see how much fluid is left in the
container
*NOTE: Heights include the bottle with the dispenser lid closed
Note: Printed bottles eliminate
the need for additional labels -
custom printing available.
3651 WALNUT AVE., CHINO, CA 91710
PHONE: (909) 627-2453
WEBSITE: MENDAPump.com
“It should be understood that any object, item,
material or person could be a source of static
electricity in the work environment. Removal
of unnecessary nonconductors, replacing
nonconductive materials with dissipative
or conductive materials and grounding all
conductors are the principle methods of
controlling static electricity in the workplace,
regardless of the activity.”
(ESD Handbook ESD TR20.20 section 2.4
Sources of Static Electricity)


Similar Part No. - 35745

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
35745-0110 MOLEX2-35745-0110 Datasheet
86Kb / 1P
.070 MALE TERMINAL(A-TYPE)
35745-0110 MOLEX2-35745-0110 Datasheet
328Kb / 5P
Application Tooling Specification Sheet
35745-0210 MOLEX2-35745-0210 Datasheet
86Kb / 1P
.070 MALE TERMINAL(A-TYPE)
35745-0410 MOLEX5-35745-0410 Datasheet
120Kb / 3P
Tab Crimp Terminal 35745, Male, 24-26 AWG , (0.20 - 0.12mm짼), Brass, Pre-Tin Plated, Reel
35745-0410 MOLEX2-35745-0410 Datasheet
86Kb / 1P
.070 MALE TERMINAL(A-TYPE)
More results

Similar Description - 35745

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
14244 ETC2-14244 Datasheet
216Kb / 1P
Micastat Dissipative Laminate
47511 ETC2-47511 Datasheet
67Kb / 1P
Dissipative Card Holder, With ESD Susceptibility Symbol
49109 ETC2-49109 Datasheet
35Kb / 1P
TRANSPARENT STATIC DISSIPATIVE (PINK POLY)
KE325 ETC2-KE325 Datasheet
97Kb / 2P
LDPE bottle and swan-neck spout made with and durAstatic technology
35276 ETC2-35276 Datasheet
245Kb / 1P
Yellow Dissipative Bottles
35282 ETC2-35282 Datasheet
283Kb / 1P
Blue Dissipative Bottles
logo
PHOENIX CONTACT
1309765 PHOENIX-1309765 Datasheet
48Kb / 2P
Label - EV-LABEL-L
logo
List of Unclassifed Man...
47200 ETC-47200 Datasheet
531Kb / 1P
ESD DISSIPATIVE TURNTABLE
June 2016
logo
Bertech.
ESDFC-B-5 BERTECH-ESDFC-B-5 Datasheet
159Kb / 1P
Static Dissipative Finger Cots
logo
Lapp.
LCK LAPP-LCK Datasheet
924Kb / 4P
FLEXIMARK® Wrapping label LCK
06.12.2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com