Electronic Components Datasheet Search
  English  ▼

X  

36096 Datasheet(PDF) 1 Page - MENDA

Part # 36096
Description  DISSIPATIVE ROUND BRUSH WITH ALUMINIUM HANDLE,1/8 IN
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MENDA [MENDA]
Direct Link  https://menda.descoindustries.com/
Logo MENDA - MENDA

36096 Datasheet(HTML) 1 Page - MENDA

  36096 Datasheet HTML 1Page - MENDA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2018 DESCO INDUSTRIES INC
Employee Owned
DRAWING
NUMBER
36096
DATE:
July
2018
DISSIPATIVE ROUND BRUSH WITH ALUMINIUM HANDLE,1/8 IN
Characteristics:
• ESD Brushes are ideal for removing dust, dirt, and left over
materials from printed circuit boards (PCB) and other static
senstive components.
• Brushes minimize static charge generation and remove
electrostatic charges to ground when held by grounded personnel
• RTT Resistance: 1 x 109 to <1 x 1011 ohms tested per modified
ANSI/ESD S4.1
• Highly resilient, durable and abrasion resistant
• For cleaning ESD sensitive assemblies
• Hot stamped with ESD protective symbol
• Bristle Material: Nylon 6.12, yellow, 0.4mm filaments
3651 WALNUT AVE., CHINO, CA 91710
PHONE: (909) 627-2453
WEBSITE: MendaPump.com
4-10/16"
1/8”
Specifications and procedures subject to change without notice.
Unless otherwise noted, tolerance is ±10%.
Made in Israel
Item
Handle
Material
Bristle
Hardness
Overall
Length
Overall
Width
Bristle
Length
Bristle
Width
Bristle
Height
36096 Aluminum
Firm
4-10/16” (118 mm)
1/8" (3 mm)
1/2” (13 mm)
1/4” (6 mm)
2/16” (3 mm)
Designed to fulfill ANSI/ESD S20.20 requirement to ground all
conductors at ESD workstation.
ESD Handbook TR20.20 Table 1 lists under Typical Static Electricity
Sources “Brushes (camel/pig hair and synthetic bristles).” “It should be
understood that any object, item, material or person could be a source
of static electricity in the work environment. Removal of unnecessary
nonconductors, replacing nonconductive materials with dissipative or
conductive materials and grounding all conductors are the principle
methods of controlling static electricity in the workplace, regardless of
the activity.” (TR 20.20 section 2.4)


Similar Part No. - 36096

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3609 3M-3609 Datasheet
1Mb / 5P
3M™ Round Conductor Flat Cable
12-May-2009
logo
List of Unclassifed Man...
3609 ETC2-3609 Datasheet
158Kb / 3P
3/8 Square Drive Sockets, SAE
logo
3M Electronics
3609 3M-3609 Datasheet
848Kb / 3P
3M™ Round Conductor Flat Cable .025 30 AWG Stranded, FEP
October 31, 2013
logo
Heyco.
3609 HEYCO-3609 Datasheet
160Kb / 1P
Cable Holders - Arrowhead Mount
logo
ASSUN MOTOR Pte Ltd.
3609 ASSUN-3609 Datasheet
347Kb / 1P
STANDARD SERIES
2024-A
More results

Similar Description - 36096

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7146 ETC2-7146 Datasheet
243Kb / 1P
ROUND INSTRUMENTATION HANDLE
logo
RAF ELECTRONIC HARDWARE
1100-2-AL RAF-1100-2-AL Datasheet
49Kb / 1P
1/8 ROUND SPACERS
8074-440-A RAF-8074-440-A Datasheet
85Kb / 1P
ROUND INTERNAL THREAD HANDLE
8156-832-SS RAF-8156-832-SS Datasheet
101Kb / 1P
ROUND INTERNAL THREAD HANDLE
8222-1032-SS RAF-8222-1032-SS Datasheet
113Kb / 1P
ROUND INTERNAL THREAD HANDLE
8239-1032-A RAF-8239-1032-A Datasheet
113Kb / 1P
ROUND INTERNAL THREAD HANDLE
8178-1032-SS RAF-8178-1032-SS Datasheet
117Kb / 1P
ROUND INTERNAL THREAD HANDLE
8211-1032-A RAF-8211-1032-A Datasheet
117Kb / 1P
ROUND INTERNAL THREAD HANDLE
8226-1032-A RAF-8226-1032-A Datasheet
117Kb / 1P
ROUND INTERNAL THREAD HANDLE
8432-1032-SS RAF-8432-1032-SS Datasheet
135Kb / 1P
ROUND EXTERNAL THREAD HANDLE WITH SHOULDER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com