Electronic Components Datasheet Search
  English  ▼

X  

SED1568DBB Datasheet(PDF) 42 Page - Epson Company

Part # SED1568DBB
Description  LCD driver with RAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

SED1568DBB Datasheet(HTML) 42 Page - Epson Company

Back Button SED1568DBB Datasheet HTML 38Page - Epson Company SED1568DBB Datasheet HTML 39Page - Epson Company SED1568DBB Datasheet HTML 40Page - Epson Company SED1568DBB Datasheet HTML 41Page - Epson Company SED1568DBB Datasheet HTML 42Page - Epson Company SED1568DBB Datasheet HTML 43Page - Epson Company SED1568DBB Datasheet HTML 44Page - Epson Company SED1568DBB Datasheet HTML 45Page - Epson Company SED1568DBB Datasheet HTML 46Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 54 page
background image
S1D15300 Series
5–30
EPSON
Rev.1.4
•
Dynamic current consumption (2) when the LCD built-in
power circuit lamp is ON
Condition:
Remarks: V13
200
150
100
50
0
1
234567
(uA)
IDD (1)
VDD
(V)
The built-in power circuit is ON.
S1D15300/S1D15305: V5-VDD=–8.0 V,
triple boosting
S1D15301: V5-VDD=–11.0 V,
quadruple boosting
S1D15302: V5-VDD=–11.0 V,
quadruple boosting
S1D15303: V5-VDD=–5.0 V,
dual boosting
S1D15304: V5-VDD=–5.0 V,
dual boosting
Ta=25
°C
S1D15301, S1D15302
S1D15300/S1D15305
S1D15303, S1D15304
*1
Though the wide range of operating voltages is guaranteed, a spike voltage change may affect the voltage assurance during access from
the microprocessor.
*2
VDD and V5 operating voltage range. (Refer to Fig. 10.)
The operating voltage range applies if an external power supply is used.
*3
A0, D0 - D5, D6, D7 (SI), RD (E), WR (R/W), CS1, CS2, FR, M/S, C86, P/S and DOF pins
*4
CL, SCL (D6) and RES pins
*5
D0 - D5, D6, D7 (SI), FR, FRS, DYO, DOF and CL pins
*6
A0, RD (E), WR (R/W), CS1, CS2, M/S, RES, C86 and P/S pins
*7
Applies when the D0 - D7, FR, CL, DYO and DOF pins are in high impedance,
*8
Resistance value when 0.1 V is applied between the output pin SEGn or COMn and each power supply pin (V1, V2, V3, V4).
This is specified in the operating voltage (2) range.
R ON = 0.1 V/
∆I (∆I: Current flowing when 0.1 V is applied in the ON status.)
*9
For the relationship between oscillation frequency and frame frequency, refer to Fig. 9.
*10 For triple or quadruple boosting using the on-chip power useing the primary-side power supply VDD must be used within the input voltage
range.
*11 The voltage regulator adjusts V5 within the voltage follower operating voltage range.
*12, *13 Current that each IC unit consumes. It does not include the current of the LCD panel capacity, wiring capacity, etc.
This is current consumption under the conditions of display data = checker, display ON, S1D15300 = 1/33 duty (1/6 Bias), and S1D15301
and S1D15302 = 1/65 duty. (1/8 Bias)
*12 Applies to the case where the on-chip oscillator circuit is used and no access is made from the microprocessor.
*13 Applies to the case where the on-chip oscillator circuit and the on-chip power circuit are used and no access is made from the
microprocessor.
The current flowing through voltage regulation resistors (R1, R2 and R3) is not included.
The current consumption, when the on-chip voltage booster is used, is for the power supply VDD.
•
Relationship between oscillation frequency and frame frequency
The relationship between oscillation frequency fOSC and LCD frame frequency, fF can be obtained by the following expression.
(fF does not indicate the FR signal cycle but the AC cycle.)
Fig. 9
Relationship between clock (fCL) and frame frequency fF
Duty
f CL
f F
S1D15300
1/33
f OSC/8
f OSC/(8*33)
S1D15301
1/65
f OSC/4
f OSC/(4*65)
S1D15302
S1D15303
1/17
f OSC/8
f OSC/(8*17)
S1D15304
1/9
f OSC/8
f OSC/(8*9)
S1D15305
1/35
f OSC/8
f OSC/(8*35)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com