Electronic Components Datasheet Search
  English  ▼

X  

CAR15PC19 Datasheet(PDF) 7 Page - Clarke International

Part # CAR15PC19
Description  Retractable Air Hose Reel
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CAR15PC19 Datasheet(HTML) 7 Page - Clarke International

  CAR15PC19 Datasheet HTML 1Page - Clarke International CAR15PC19 Datasheet HTML 2Page - Clarke International CAR15PC19 Datasheet HTML 3Page - Clarke International CAR15PC19 Datasheet HTML 4Page - Clarke International CAR15PC19 Datasheet HTML 5Page - Clarke International CAR15PC19 Datasheet HTML 6Page - Clarke International CAR15PC19 Datasheet HTML 7Page - Clarke International CAR15PC19 Datasheet HTML 8Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
PARTS DIAGRAM
Model CAR15PC
No
Description
Part No.
16
Ratchet Pin
CAR15PC16
17
Ratchet Pin Guide
CAR15PC17
18
Inlet Hose Connector
CAR15PC18
19
Outlet Hose Connector CAR15PC19
20
Synchronising Belt
CAR15PC20
21
Small Gear for above
CAR15PC21
22
Guiding Rod
CAR15PC22
23
Screw Mandrell
CAR15PC23
24
Handle bar
CAR15PC24
25
Large Gear for belt
CAR15PC25
26
Front Cover
CAR15PC26
27
Connector
CAR15PC27
28
Stopper
CAR15PC28
29
Guide Set
CAR15PC29
30
Right End Cover
CAR15PC30
No.
Description
Part No.
1
Left End Cover
CAR15PC01
2
Spring Tensioning Disc CAR15PC02
3
Gear Cover
CAR15PC03
4
Casing -Left Half
CAR15PC04
5
Hose Reel
CAR15PC05
6
Central Spool
CAR15PC06
7
Hose (15m)
CAR15PC07
8
Coil Spring
CAR15PC08
9
Inlet Quick Connector
CAR15PC09
10
Mounting Bracket
CAR15PC10
11
Aluminium Tube
CAR15PC11
12
Track Disc
CAR15PC12
13
Casing - Right Half
CAR15PC13
14
Plastic Boss
CAR15PC14
15
Ratchet Pawl Housing CAR15PC15



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com