Electronic Components Datasheet Search
  English  ▼

X  

SED157ADBB Datasheet(PDF) 39 Page - Epson Company

Part # SED157ADBB
Description  LCD driver with RAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

SED157ADBB Datasheet(HTML) 39 Page - Epson Company

Back Button SED157ADBB Datasheet HTML 35Page - Epson Company SED157ADBB Datasheet HTML 36Page - Epson Company SED157ADBB Datasheet HTML 37Page - Epson Company SED157ADBB Datasheet HTML 38Page - Epson Company SED157ADBB Datasheet HTML 39Page - Epson Company SED157ADBB Datasheet HTML 40Page - Epson Company SED157ADBB Datasheet HTML 41Page - Epson Company SED157ADBB Datasheet HTML 42Page - Epson Company SED157ADBB Datasheet HTML 43Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
S1D15300 Series
Rev.1.4
EPSON
5–27
9. ABSOLUTE MAXIMUM RATINGS
Notes: 1. V1 to V5, VOUT, voltages are based on VDD=0 V.
2. Voltages VDD ≥ V1 ≥ V2 ≥ V3 ≥ V4 ≥ V5 must always be satisfied.
3. If an LSI exceeds its absolute maximum rating, it may be damaged permanently. It is desirable to use it under electrical characteristics
conditions during general operation. Otherwise, an LSI malfunction or reduced LSI reliability may result.
Parameter
Symbol
Rating
Unit
–0.3 to +7.0
Supply voltage range
Triple boosting
VDD
–0.3 to +6.0
V
Quadruple boosting
–0.3 to +4.5
Supply voltage range (1) (VDD Level)
V5, VOUT
–18.0 to +0.3
V
Supply voltage range (2) (VDD Level)
V1, V2, V3, V4
V5 to +0.3
V
Input voltage range
VIN
–0.3 to VDD+0.3
V
Output voltage range
VO
–0.3 to VDD+0.3
V
Operating temperature range
TOPR
–40 to +85
°C
Storage temperature range
TCP
TSTR
–55 to +100
°C
Bear chip
–55 to +125
VDD
VSS
VDD
V , VOUT
(S1D15300 series)
(System)
VCC
GND
V to V
5
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com