Electronic Components Datasheet Search
  English  ▼

X  

MECHANICALCOMPACTSPDT Datasheet(PDF) 2 Page - NOSHOK, INC.

Part # MECHANICALCOMPACTSPDT
Description  Mechanical Compact SPDT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOSHOK [NOSHOK, INC.]
Direct Link  https://www.noshok.com/
Logo NOSHOK - NOSHOK, INC.

MECHANICALCOMPACTSPDT Datasheet(HTML) 2 Page - NOSHOK, INC.

  MECHANICALCOMPACTSPDT Datasheet HTML 1Page - NOSHOK, INC. MECHANICALCOMPACTSPDT Datasheet HTML 2Page - NOSHOK, INC. MECHANICALCOMPACTSPDT Datasheet HTML 3Page - NOSHOK, INC. MECHANICALCOMPACTSPDT Datasheet HTML 4Page - NOSHOK, INC. MECHANICALCOMPACTSPDT Datasheet HTML 5Page - NOSHOK, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
NOSHOK,Inc. 1010 W. Bagley Road | Berea, OH 44017 | Ph 440.243.0888 | Fax 440.243.3472
ORDERING
INFORMATION
DIMENSIONS
200 SERIES
ORDERING INFORMATION
SERIES
200L 200 Low Pressure Membrane Series
200M 200 High Pressure Membrane Series
200H 200 High Pressure Piston Series
SWITCH FUNCTIONS
1 SPST, Normally open
3 SPDT
2 SPST, Normally closed
PROCESS CONNECTIONS
1 1/8″ NPT male
45 7/16-20 SAE Male, Non-Adjustable
2 1/4" NPT male
62 G 1/4 Male ISO 228-1
33 G 1/8 Male ISO 228-1
200L LOW PRESSURE MEMBRANE
SWITCH ADJUSTMENT RANGES
(Max. working pressure)
3/30 3 psig to 30 psig (870 psig)
15/145 15 psig to 145 psig (870 psig)
7/75 7 psig to 75 psig (870 psig)
15/235 15 psig to 235 psig (870 psig)
7/116 7 psig to 116 psig (870 psig)
45/300 45 psig to 300 psig (870 psig)
200M HIGH PRESSURE MEMBRANE
SWITCH ADJUSTMENT RANGES
(Max. working pressure)
15/50 15 psig to 50 psig (3,000 psig)
15/150 15 psig to 150 psig (3,000 psig)
45/300 45 psig to 300 psig (3,000 psig)
200H HIGH PRESSURE PISTON
SWITCH ADJUSTMENT RANGES (Max.
working pressure)
145/435 145 psig to 435 psig (5,800 psig)
290/2900 290 psig to 2,900 psig (5,800 psig)
145/1160 145 psig to 1,160 psig (5,800 psig)
290/3625 290 psig to 3,625 psig (5,800 psig)
145/1740 145 psig to 1,740 psig (5,800 psig)
435/4640 435 psig to 4,640 psig (5,800 psig)
ELECTRICAL CONNECTIONS†
4 Spade Terminals (1/4 x 1/32)
100 Deutsch 2-Pin Male (DT04-2P)*, **
8 DIN EN 175301-803 Form A
101 Deutsch 3-Pin Male (DT04-3P)*
25 M12 x 1 4-pin
103 Deutsch 2-Pin Female Socket (DT06-2S)*, **
36 18" Integral Cable
104 Deutsch 3-Pin Female Socket (DT06-3S)*
46 Deutsch Integral 3-Pin (DT04-3P)
110 Weatherpack Tower, 3-Pin Female*
66 Deutsch Integral 2-Pin (DT04-2P) **
111 Weatherpack Tower, 3-Pin Male*
96 Weatherpack Tower, 2-Pin Female*,**
112 Weatherpack Shroud, 3-Pin Female*
97 Weatherpack Tower, 2-Pin Male*,**
113 Weatherpack Shroud, 3-Pin Male*
98 Weatherpack Shroud, 2-Pin Female*,**
99 Weatherpack Shroud, 2-Pin Male*,**
OPTIONS***
AU Gold Plated Contacts
SP Factory Adjusted Switch Point
EP EPDM Diaphragm (-40/212 °F)
SS Stainless Steel Wetted Materials
HNBR Low Temp Nitrile Diaphragm (-22/176 °F)
VT FKM Diaphragm (32/212 °F)
FVMQ Fluorosilicone Diaphragm (-40/212 °F)
Please consult your local NOSHOK Distributor or NOSHOK, Inc. for availability and delivery information.
* Options attached to Integral Cable
** For SPST only
*** Not all options are available for all ranges, consult factory
†
Other electrical connections available, consult factory
200L – 3 – 2 – 3/30 – 8
Series .....................................200 Low Pressure Membrane Switch
Switch function....................................................................... SPDT
Process connection..................................................1/4" NPT Male
Adjustable range...................................3 psig to 30 psig (870 psig)
Electrical connection..........................DIN EN 175301-803 Form A
EXAMPLE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com