Electronic Components Datasheet Search
  English  ▼

X  

HUSB238_002DD Datasheet(PDF) 1 Page - Hynetek Semiconductor Co., Ltd.

Part # HUSB238_002DD
Description  Hynetek Semiconductor Co., Ltd.
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNETEK [Hynetek Semiconductor Co., Ltd.]
Direct Link  https://www.hynetek.com/
Logo HYNETEK - Hynetek Semiconductor Co., Ltd.

HUSB238_002DD Datasheet(HTML) 1 Page - Hynetek Semiconductor Co., Ltd.

  HUSB238_002DD Datasheet HTML 1Page - Hynetek Semiconductor Co., Ltd. HUSB238_002DD Datasheet HTML 2Page - Hynetek Semiconductor Co., Ltd. HUSB238_002DD Datasheet HTML 3Page - Hynetek Semiconductor Co., Ltd. HUSB238_002DD Datasheet HTML 4Page - Hynetek Semiconductor Co., Ltd. HUSB238_002DD Datasheet HTML 5Page - Hynetek Semiconductor Co., Ltd. HUSB238_002DD Datasheet HTML 6Page - Hynetek Semiconductor Co., Ltd. HUSB238_002DD Datasheet HTML 7Page - Hynetek Semiconductor Co., Ltd. HUSB238_002DD Datasheet HTML 8Page - Hynetek Semiconductor Co., Ltd. HUSB238_002DD Datasheet HTML 9Page - Hynetek Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
USB Type-C Power Delivery Sink
Controller
Hynetek Semiconductor Co., Ltd.
HUSB238
©2023 Hynetek Semiconductor Co., Ltd. All rights reserved.
Rev. 2.5
www.hynetek.com
FEATURES
USB-IF certified
 TID: 3666
Standalone USB Power Delivery (PD) sink controller
Legacy charging sink
 Apple divider 3 detection
 BC1.2 SDP, CDP and DCP detection
Dead battery function
SOP’ communication function
3V to 25V operation range
30V voltage rating on VIN and GATE pins
25V voltage rating on CC1 and CC2 pins
I2C access for monitoring and advanced settings
Integrated PMOS driver
VBUS over-voltage protection (OVP) and under-
voltage protection (UVP)
Over-temperature protection (OTP) with
programmable thresholds
Low power consumption
APPLICATIONS
PD sink devices
USB-C cables
Wireless charger
GENERAL DESCRIPTION
The HUSB238 is a highly integrated USB Power
Delivery (PD) controller as sink role for up to 100W
power rating.
The HUSB238 is compatible with PD3.0 and Type-C
V1.4, and it can also support Apple Divider 3, BC1.2
SDP, CDP and DCP while the source is attached.
The HUSB238 can be used in electronic devices that
have legacy barrel connectors or USB micro-B
connectors for power such as IoT (Internet of Things)
devices, wireless charger, drones, smart speakers,
power tools, and other rechargeable devices.
The HUSB238 is available in 3mm x 3mm DFN-10L
package options.
TYPICAL APPLICATION CIRCUIT
VIN
CC1
CC2
D+
D-
HUSB238
GND
VSET
ISET
SCL
SDA
GATE
GND
10
Ω
1
μF
49.9k
Ω
5.1k
Ω
VBUS
CC1
CC2
D+
D-
22.6k
Ω
10k
Ω
POWER
SYSTEM
SOC
Figure 1. Typical Application Circuit


Similar Part No. - HUSB238_002DD

ManufacturerPart #DatasheetDescription
logo
Hynetek Semiconductor C...
HUSB238A HYNETEK-HUSB238A Datasheet
1Mb / 22P
USB PD Sink Controller Supporting EPR Mode
Rev. 0.2 05/2023
HUSB238A-AA000-QN16R HYNETEK-HUSB238A-AA000-QN16R Datasheet
1Mb / 22P
USB PD Sink Controller Supporting EPR Mode
Rev. 0.2 05/2023
More results

Similar Description - HUSB238_002DD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B1001EWA ETC-B1001EWA Datasheet
158Kb / 5P
EVERLIGHT ELECTRONICE CO., LTD.
logo
Molex Electronics Ltd.
0015311061 MOLEX1-0015311061 Datasheet
173Kb / 2P
MOLEX-JAPAN CO. LTD
0015311062 MOLEX1-0015311062 Datasheet
157Kb / 2P
MOLEX-JAPAN CO. LTD
0015311091 MOLEX1-0015311091 Datasheet
185Kb / 2P
MOLEX-JAPAN CO. LTD
0015311121 MOLEX1-0015311121 Datasheet
190Kb / 2P
MOLEX-JAPAN CO. LTD
0015311151 MOLEX1-0015311151 Datasheet
230Kb / 2P
MOLEX-JAPAN CO. LTD
0015311152 MOLEX1-0015311152 Datasheet
204Kb / 2P
MOLEX-JAPAN CO. LTD
logo
Sensortechnics GmbH
LD85H6S-A SENSORTECHNICS-LD85H6S-A Datasheet
1Mb / 6P
Quantum Semiconductor International Co., Ltd.
LD85J6S-A SENSORTECHNICS-LD85J6S-A Datasheet
1Mb / 4P
Quantum Semiconductor International Co., Ltd.
LD90F7S-A SENSORTECHNICS-LD90F7S-A Datasheet
563Kb / 4P
Quantum Semiconductor International Co., Ltd.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com