Electronic Components Datasheet Search
  English  ▼

X  

HUSB238_004DD Datasheet(PDF) 13 Page - Hynetek Semiconductor Co., Ltd.

Part # HUSB238_004DD
Description  Hynetek Semiconductor Co., Ltd.
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNETEK [Hynetek Semiconductor Co., Ltd.]
Direct Link  https://www.hynetek.com/
Logo HYNETEK - Hynetek Semiconductor Co., Ltd.

HUSB238_004DD Datasheet(HTML) 13 Page - Hynetek Semiconductor Co., Ltd.

Back Button HUSB238_004DD Datasheet HTML 9Page - Hynetek Semiconductor Co., Ltd. HUSB238_004DD Datasheet HTML 10Page - Hynetek Semiconductor Co., Ltd. HUSB238_004DD Datasheet HTML 11Page - Hynetek Semiconductor Co., Ltd. HUSB238_004DD Datasheet HTML 12Page - Hynetek Semiconductor Co., Ltd. HUSB238_004DD Datasheet HTML 13Page - Hynetek Semiconductor Co., Ltd. HUSB238_004DD Datasheet HTML 14Page - Hynetek Semiconductor Co., Ltd. HUSB238_004DD Datasheet HTML 15Page - Hynetek Semiconductor Co., Ltd. HUSB238_004DD Datasheet HTML 16Page - Hynetek Semiconductor Co., Ltd. HUSB238_004DD Datasheet HTML 17Page - Hynetek Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Data Sheet
HUSB238
©2023 Hynetek Semiconductor Co., Ltd. All rights reserved.
Page 13 of 17
PACKAGE OUTLINE DIMENSIONS
TOP VIEW
SIDE VIEW
BOTTOM VIEW
6
10
5
1
E
D
10xb
10xL
e
E1
D1
A1
A3
A
PIN1
Figure 5. DFN-10L Package, 3 mm × 3 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com