Electronic Components Datasheet Search
  English  ▼

X  

26C Datasheet(PDF) 2 Page - Clarke International

Part # 26C
Description  Paraffin Gun
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

26C Datasheet(HTML) 2 Page - Clarke International

  26C Datasheet HTML 1Page - Clarke International 26C Datasheet HTML 2Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CLARKE GUARANTEE
This CLARKE product is guaranteed against faulty manufacture for a period of 12
months from the date of purchase. Please keep your receipt as proof of purchase.
This guarantee is invalid if the product is found to have been abused or tampered
with in any way, or not used for the purpose for which it was intended.
Faulty goods should be returned to their place of purchase, no product can be
returned to us without prior permission.
This guarantee does not affect your statutory rights.
Please read these instructions carefully before operating the tool
Thank you for purchasing this CLARKE Paraffin Gun
Before using the device, please read this manual thoroughly and carefully follow all
instructions given. This is for your own safety and that of others around you, and is
also to help you achieve long and trouble free service from your new blow gun.
NOTE : Products used in this gun may be covered by COSHH regulations
• ALWAYS
check manufacturers instructions before spraying.
• ALWAYS
wear a suitable approved breathing mask, to protect against inhalation
of dust or fumes.
• ALWAYS
disconnect the gun from the air supply when it is not in use, and before
any disassembly.
• NEVER
point gun towards people or animals. In the case of injury, seek expert
medical advice immediately.
• NEVER
allow children to use or play with this or any other tools etc.
SAFETY PRECAUTIONS
For your personal safety and that of others around you.
Follow these safety instructions carefully.
Please note that the details and specifications contained herein are correct at the time of going to print. However CLARKE International
reserve the right to change specifications at any time without prior notice.
Specifications
Air Inlet Connector: ............ ¼”BSP
Minimum Compressor Size: 0.65HP



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com