Electronic Components Datasheet Search
  English  ▼

X  

CMF2 Datasheet(PDF) 1 Page - Clarke International

Part # CMF2
Description  Filter/Regulator/Oiler
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CMF2 Datasheet(HTML) 1 Page - Clarke International

  CMF2 Datasheet HTML 1Page - Clarke International CMF2 Datasheet HTML 2Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Filter/Regulator/Oiler
Model : CMF2 & CMF3
Part No : 3090200 & 3090205
OPERATING & MAINTENANCE
INSTRUCTIONS
0103
WARNING
Compressed air can be
dangerous. Ensure that you are
thoroughly familiar with all
precautions relating to the use
of compressors and
compressed air supply.
CLARKE GUARANTEE
This CLARKE product is guaranteed against faulty manufacture for a period of 12
months from the date of purchase. Please keep your receipt as proof of purchase.
This guarantee is invalid if the product is found to have been abused or tampered
with in any way, or not used for the purpose for which it was intended.
Faulty goods should be returned to their place of purchase, no product can be re-
turned to us without prior permission.
This guarantee does not affect your statutory rights.
Please read these instructions carefully before operating the tool
Thank you for purchasing this CLARKE Filter/Regulator/Oiler
Before using the device, please read this leaflet thoroughly and carefully follow all instructions
given. This is for your own safety and that of others around you, and is also to help you
achieve long and trouble free service from your new filter.
Please note that the details and specifications contained herein are correct at the time of going to print. However CLARKE International reserve the right to change
specifications at any time without prior notice. Always consult the machines data plate
• ALWAYS wear approved impact resistant safety goggles when using air tools etc. Eye
glasses are NOT safety glasses.
• ALWAYS disconnect from the air supply before any disassembly or maintenance activity.
• NEVER aim compressed air towards people or animals. In the case of injury, seek expert
medical advice immediately.
• NEVER allow children to use or play with compressed air appliances.
SAFETY PRECAUTIONS
For your personal safety and that of others around you. Follow these
safety instructions carefully.
Specifications
Model
CMF2
CMF3
Port Size
¼” BSP
½”BSP
Filter Element
--------40m--------
Outlet Pressure
0.5bar to 8.5Bar
Max Supply Pressure
-------10Bar-------
Max flow Rate @ 6.2Bar
35cfm
75cfm
Max Temp
--------50ºC-------
Water Bowl Volume
-------60CC-------
Oil Bowl Volume
-------90CC-------
This Product conforms to: ISO 2944:1974
ISO 5598:1985
ISO 5782-2:1997
PARTS & SERVICE TEL: 020 8988 7400
or
e-mail as follows:
PARTS: Parts@clarkeinternational.com
SERVICE:
Service@clarkeinternational.com


Similar Part No. - CMF2

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
CMF2 SCHURTER-CMF2 Datasheet
362Kb / 3P
IEC Appliance Inlet C8 polarized with Line Switch 1-pole
CMF2 SCHURTER-CMF2 Datasheet
206Kb / 3P
IEC Appliance Inlet C8 polarized with Line Switch 1-pole
08.12.2021
logo
IRC - a TT electronics ...
CMF2-100-1000-F IRCTT-CMF2-100-1000-F Datasheet
238Kb / 3P
Thick Film High Voltage/ High Reliability MIL-Approved Metal Glaze??Resistors
CMF2-100-1000-G IRCTT-CMF2-100-1000-G Datasheet
238Kb / 3P
Thick Film High Voltage/ High Reliability MIL-Approved Metal Glaze??Resistors
CMF2-100-1000-J IRCTT-CMF2-100-1000-J Datasheet
238Kb / 3P
Thick Film High Voltage/ High Reliability MIL-Approved Metal Glaze??Resistors
More results

Similar Description - CMF2

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
529145 FESTO-529145 Datasheet
88Kb / 2P
Filter regulator
2/10/22
529146 FESTO-529146 Datasheet
88Kb / 2P
Filter regulator
2/10/22
529151 FESTO-529151 Datasheet
88Kb / 2P
Filter regulator
2/10/22
529158 FESTO-529158 Datasheet
88Kb / 2P
Filter regulator
2/10/22
529159 FESTO-529159 Datasheet
88Kb / 2P
Filter regulator
2/10/22
529162 FESTO-529162 Datasheet
89Kb / 2P
Filter regulator
2/10/22
529172 FESTO-529172 Datasheet
88Kb / 2P
Filter regulator
2/10/22
529174 FESTO-529174 Datasheet
88Kb / 2P
Filter regulator
2/10/22
535720 FESTO-535720 Datasheet
87Kb / 2P
Filter regulator
2/10/22
logo
Molex Electronics Ltd.
ATS-638017240 MOLEX-ATS-638017240 Datasheet
328Kb / 6P
Information Sheet for Terminal Oiler 63801-7240
02-06-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com