Electronic Components Datasheet Search
  English  ▼

X  

CAT217 Datasheet(PDF) 2 Page - Clarke International

Part # CAT217
Description  PISTOL GRIP PUNCH & FLANGE TOOL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CAT217 Datasheet(HTML) 2 Page - Clarke International

  CAT217 Datasheet HTML 1Page - Clarke International CAT217 Datasheet HTML 2Page - Clarke International CAT217 Datasheet HTML 3Page - Clarke International CAT217 Datasheet HTML 4Page - Clarke International CAT217 Datasheet HTML 5Page - Clarke International CAT217 Datasheet HTML 6Page - Clarke International CAT217 Datasheet HTML 7Page - Clarke International CAT217 Datasheet HTML 8Page - Clarke International CAT217 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE Punch and Flange forming tool.
Before attempting to use this product, please read this manual thoroughly and
follow the instructions carefully. In doing so you will ensure the safety of yourself
and that of others around you, and you can look forward to your purchase
giving you long and satisfactory service.
Please keep these instructions in a safe place for future reference.
SPECIFICATIONS
Model Number
CAT217
Part Number
3110471
Dimensions (L x W x H)
250 x 50 x 160 mm
Max Operating Pressure
90 psi (6.2 bar)
Air Consumption
Average 4 cfm
Air Inlet Size
1/4“BSP female
Min air hose diameter
3/8 in
Punch Diameter
3/16 in
Punching Capacity
16-gauge sheet metal
Crimping Capacity
14-gauge sheet metal
Sound Pressure Level
86 dB LpA
Guaranteed Sound Power
97 dB LWA
Vibration
7.412 m/s2
Uncertainty factor
1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com