Electronic Components Datasheet Search
  English  ▼

X  

CAT231 Datasheet(PDF) 2 Page - Clarke International

Part # CAT231
Description  IMPACT WRENCH
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CAT231 Datasheet(HTML) 2 Page - Clarke International

  CAT231 Datasheet HTML 1Page - Clarke International CAT231 Datasheet HTML 2Page - Clarke International CAT231 Datasheet HTML 3Page - Clarke International CAT231 Datasheet HTML 4Page - Clarke International CAT231 Datasheet HTML 5Page - Clarke International CAT231 Datasheet HTML 6Page - Clarke International CAT231 Datasheet HTML 7Page - Clarke International CAT231 Datasheet HTML 8Page - Clarke International CAT231 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE Impact Wrench.
Please read all of the safety and operating instructions carefully before using
this product. In doing so you will ensure the safety of yourself and that of others
around you, and you can look forward to your purchase giving you long and
satisfactory service.
Please keep these instructions in a safe place for future reference.
SPECIFICATION
Model Number
CAT231
Part Number(s)
3120532
Max Operating Pressure
90 psi (6.2 bar)
Air Consumption
7 cfm
Drive size
1/2” square
Max No Load Speed
8000 rpm @ 90psi
Speed settings
3 forward / 1 reverse
Torque rating
850Nm (working) 1350Nm (max)
Air Inlet Size
1/4“ BSP female (supplied with male adaptor)
Sound Pressure Level (LpA
dB)
90.55 dB(A)
Sound Power Level (LwA dB)
101.55 dB(A) Uncertainty factor 3dB(A)
Guaranteedsound power
110.12 dB(A)
Vibration Levels
6.1 m/s2 Uncertainty factor 1.5 m/s2
Weight
2.12 kg
Dimensions (L x W x H)
184 x 185 x 68 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com