Electronic Components Datasheet Search
  English  ▼

X  

X20006 Datasheet(PDF) 2 Page - United Automation Ltd. All rights reserved

Part # X20006
Description  110V, 230V, 400V High Power Three Phase Thyristor Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved

X20006 Datasheet(HTML) 2 Page - United Automation Ltd. All rights reserved

  X20006 Datasheet HTML 1Page - United Automation Ltd. All rights reserved X20006 Datasheet HTML 2Page - United Automation Ltd. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
X10622 TRIAC DRIVERS
FC36MV DUAL Mode Firing Board
110V, 230V, 400V
Three Phase Thyristor Driver
BMF House - Wight Moss Way,
Southport Business Park
Southport PR8 4HQ
ENGLAND, UNITED KINGDOM
Contact Us:
0044 (0) 1704-516 501
enquiries@united-automation.com
www.united-automation.com
unitedautomationltd
UA_Limited
1 July 2025 | Issue: 5
Page
2 of 2
RECOMMENDATIONS
FUSING
It is recommended to use semiconductor (fast acting) type fuses or circuit breakers (Semiconductor -
MCB) for unit protection. On initial switch on some loads may need an increased Factor of Safety (F of
S) for unit and/or device protection. See SRA datasheet for information.
DOCUMENTS
Other documents available on request, which may be appropriate for your application:
Code
Identity
Description
X10327
3-RFI
3-phase filter recommendations: Addressing the EMC Directive
X10213
ITA
Interaction: Uses for phase angle and for burst fire control
X10255
SRA
Safety Requirements: Addressing the Low Voltage Directive (LVD)
including, Thermal Data/Cooling, Live Parts Warning, Earthing
Requirements and Fusing Recommendations
X20006
FC36MV
FC36MV Operating User Manual
X10652
CM-FC36M/MV
Remote HMI programmer – Commander Module CM-(FC36M/MV)
AP02/4
COS
UAL Conditions of Sale
It is recommended that installation and maintenance of this equipment should be done with reference to the
current edition of the I.E.T. regulations (BS7671) by suitably qualified/trained personnel. The regulations contain
important requirements regarding the safety of electrical equipment. For International standards refer
STANDARDS on D of C.
OPTIONAL EXTRAS
Product Code
Product Description
A30102
FC36MV DIN Housing Kit
J02001
RJ45 lead
A402131
Commander Module
United Automation can also supply Thyristors, fuse or Complete Assembled.
For more details, please contact us enquiries@united-automation.com
PRODUCT CODE AND RELATED PRODUCT CODE
For 110V
Product Code
Product Description
A34665
FC36MV (110V)
A34665-DIN
FC36MV (110V) c/w DIN housing
For 230V
Product Code
Product Description
A34433
FC36MV (230V)
A34433-DIN
FC36MV (230V) c/w DIN housing
For 400V
Product Code
Product Description
A34428
FC36MV (400V)
A34428-DIN
FC36MV (400V) c/w DIN housing



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com