Electronic Components Datasheet Search
  English  ▼

X  

SC7231 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SC7231
Description  N Male Connector Clamp/Solder Attachment For Harbour LL142 Cable
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SC7231 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SC7231 Datasheet HTML 1Page - Infinite Electronics International, Inc. SC7231 Datasheet HTML 2Page - Infinite Electronics International, Inc. SC7231 Datasheet HTML 3Page - Infinite Electronics International, Inc. SC7231 Datasheet HTML 4Page - Infinite Electronics International, Inc. SC7231 Datasheet HTML 5Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
REV 1.1 Page 1 of 5
Copyright © 2017
Type N male connector with clamp/solder attachment for Harbour LL142, part
number SC7231, from Fairview Microwave is in-stock and ships same day. This
type N male connector operates up to a maximum frequency of 18 GHz and offers
excellent VSWR of 1.25:1.
Fairview’s type N male connector SC7231 datasheet specifications and outline
drawing are shown in this PDF below. Our extensive offering of RF, microwave
and millimeter wave connectors allows designers to configure and customize their
signal connections however they like. From providing an I/O for a board design
to creating a custom cable assembly configuration, Fairview Microwave has a
connector solution to meet your needs. Fairview Microwave also has the expertise
to build your custom cable assemblies for you and ship them same-day.
Electrical Specifications
Description
Min
Typ
Max
Units
Frequency Range
DC
18
GHz
VSWR
1.25:1
Insertion Loss
0.22
dB
Operating Voltage (AC)
335
Vrms
DWV (AC)
1,000
Vrms
High Potential Voltage
670
Vrms
5 to 7.5 MHz
Corona Discharge
250
Vrms
at 70,000 ft
Insulation Resistance
5,000
MOhms
RF Leakage
90
dB
.
Mechanical Specifications
Size
Length
1.26 in [32 mm]
Width/Dia.
0.82 in [20.83 mm]
.
Weight
0.056 lbs [25.4 g]
.
Mating Cycles
500 Cycles
Mating Torque
19 to 21 in-lbs [2.15 to 2.37
Nm]
Material Specifications
.
Description
Material
Plating
Contact
Beryllium Copper
Gold over Nickel
50µ in. minimum
.
Insulation
PTFE
.
Body
Passivated Stainless Steel
SAE-AMS-2700
SC7231
DATA SHEET
N Male Connector Clamp/Solder Attachment For
Harbour LL142 Cable
Fairview Microwave
1130 Junction Dr. #100
Allen, TX 75013
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Configuration:
• N Male Connector
• 50 Ohms
• Straight Body Geometry
• Harbour LL142 Interface Type
• Clamp/Solder Attachment
• 3/4 inch Hex
Features:
• Operating Frequency
of 18 GHz Max.
• Excellent VSWR of 1.25:1
• Gold over Nickel Plated
Beryllium Copper Contact
• 50µ in. minimum contact plating
Applications:
• General Purpose Test
• Custom Cable Assemblies


Similar Part No. - SC7231

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC7233 FAIRVIEW-SC7233 Datasheet
23Kb / 1P
SHEET 18 GHZ CONNECTOR N/M SEMFLEX HP190
REV A
SC7235 FAIRVIEW-SC7235 Datasheet
24Kb / 1P
18 GHZ CONNECTOR N/M HARBOUR LL335 Ø0.445" (11.30) FLATS (14.27) .562"
REV A
SC7237 FAIRVIEW-SC7237 Datasheet
410Kb / 4P
N Male (Plug) Connector For Semflex LA290 Cable, Clamp/Solder
REV C
More results

Similar Description - SC7231

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4006 PASTERNACK-PE4006_14 Datasheet
416Kb / 3P
N Male Connector Clamp/Solder Attachment
PE4062 PASTERNACK-PE4062_17 Datasheet
468Kb / 3P
N Male Connector Clamp/Solder Attachment
PE4081 PASTERNACK-PE4081_16 Datasheet
370Kb / 3P
N Male Connector Clamp/Solder Attachment
PE4133 PASTERNACK-PE4133_16 Datasheet
366Kb / 3P
N Male Connector Clamp/Solder Attachment
PE4221 PASTERNACK-PE4221_17 Datasheet
398Kb / 3P
N Male Connector Clamp/Solder Attachment
PE4331 PASTERNACK-PE4331_16 Datasheet
403Kb / 4P
N Male Connector Clamp/Solder Attachment
PE4433 PASTERNACK-PE4433_16 Datasheet
317Kb / 3P
N Male Connector Clamp/Solder Attachment
PE4434 PASTERNACK-PE4434_14 Datasheet
411Kb / 2P
N Male Connector Clamp/Solder Attachment
logo
Crystek Corporation
CS-SM-MHA CRYSTEKCRYSTAL-CS-SM-MHA Datasheet
88Kb / 2P
SMA Plug, Solder Clamp for Harbour LL142 Cable
CS-TM-MHA CRYSTEKCRYSTAL-CS-TM-MHA Datasheet
126Kb / 3P
SMA Plug, Solder Clamp for Harbour LL142 Cable
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com