Electronic Components Datasheet Search
  English  ▼

X  

SC9112 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SC9112
Description  N Male Connector Crimp/Non-Solder Contact Attachment For LMR-240, 0.240 inch, RG8X, B7808A, LMR-240-DB, LMR-240-UF Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SC9112 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SC9112 Datasheet HTML 1Page - Infinite Electronics International, Inc. SC9112 Datasheet HTML 2Page - Infinite Electronics International, Inc. SC9112 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
REV 1.1 Page 1 of 3
Copyright © 2016
Type N male connector with crimp/non-solder contact attachment for LMR-240,
0.240 inch, RG8X, B7808A, LMR-240-DB and LMR-240-UF, part number SC9112,
from Fairview Microwave is in-stock and ships same day. This type N male
connector operates up to a maximum frequency of 11 GHz and offers good VSWR
of 1.3:1.
Fairview’s type N male connector SC9112 datasheet specifications and outline
drawing are shown in this PDF below. Our extensive offering of RF, microwave
and millimeter wave connectors allows designers to configure and customize their
signal connections however they like. From providing an I/O for a board design
to creating a custom cable assembly configuration, Fairview Microwave has a
connector solution to meet your needs. Fairview Microwave also has the expertise
to build your custom cable assemblies for you and ship them same-day.
Electrical Specifications
Description
Min
Typ
Max
Units
Frequency Range
DC
11
GHz
VSWR
1.3:1
.
Mechanical Specifications
Size
Length
1.49 in [37.85 mm]
.
Weight
0.07628 lbs [34.6 g]
.
Material Specifications
.
Description
Material
Plating
Contact
Phosphor Bronze
Gold
.
Insulation
PTFE
.
Body
Brass
Nickel
Environmental Specifications
Temperature
Operating Range
-65 to +165 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
SC9112
DATA SHEET
N Male Connector Crimp/Non-Solder Contact
Attachment For LMR-240, 0.240 inch, RG8X, B7808A,
LMR-240-DB, LMR-240-UF Cable
Fairview Microwave
1130 Junction Dr. #100
Allen, TX 75013
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Configuration:
• N Male Connector
• 50 Ohms
• Straight Body Geometry
• LMR-240, 0.240 inch, RG8X,
B7808A, LMR-240-DB, LMR-
240-UF Interface Type
• Crimp/Non-Solder Contact At-
tachment
Features:
• Operating Frequency
of 11 GHz Max.
• Good VSWR of 1.3:1
• Gold Plated Phosphor
Bronze Contact
Applications:
• General Purpose Test
• Custom Cable Assemblies


Similar Part No. - SC9112

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC9116 FAIRVIEW-SC9116 Datasheet
508Kb / 3P
N Male Connector Crimp/Solder Attachment For 0.400 inch, LMR-400, LMR-400-DB, LMR-400-UF Cable
REV 2.0
SC9118 FAIRVIEW-SC9118 Datasheet
26Kb / 1P
.197" TRIM CABLE, INSERT INTO BODY, CRIMP OUTER SHIELD SHEET .205" STRIPPING DIMENSIONS
REV A
More results

Similar Description - SC9112

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44529 PASTERNACK-PE44529 Datasheet
231Kb / 3P
N Female Bulkhead Connector Crimp/Solder Attachment For PE-C240, LMR-240, RG8X, .640 inch DD Hole
PE44642 PASTERNACK-PE44642 Datasheet
205Kb / 2P
BNC Female Connector Crimp-Solder Attachment For RG8X, LMR-240, PE-C240
PE44676 PASTERNACK-PE44676 Datasheet
206Kb / 2P
BNC Female Connector Crimp-Solder Attachment For RG8X, PE-C240, LMR-240
PE44664 PASTERNACK-PE44664 Datasheet
209Kb / 2P
RP SMA Male Connector Crimp - Solder Attachment For RG8X, PE-C240, LMR-240
PE44665 PASTERNACK-PE44665 Datasheet
206Kb / 2P
RP SMA Female Connector Crimp - Solder Attachment For RG8X, PE-C240, LMR-240
PE44670 PASTERNACK-PE44670 Datasheet
206Kb / 2P
RP TNC Male Connector Crimp - Solder Attachment For RG8X, PE-C240, LMR-240
PE44671 PASTERNACK-PE44671 Datasheet
208Kb / 2P
RP TNC Female Connector Crimp - Solder Attachment For RG8X, PE-C240, LMR-240
PE44636 PASTERNACK-PE44636 Datasheet
207Kb / 2P
TNC Female Connector Crimp/Solder Attachment For RG8X, PE-C240, LMR-240
PE44994 PASTERNACK-PE44994 Datasheet
224Kb / 2P
7/16 DIN Male Connector Crimp/Solder Attachment For PE-C240, LMR-240, RG8X
logo
List of Unclassifed Man...
TC-240-TM-X ETC1-TC-240-TM-X Datasheet
67Kb / 1P
TNC MALE FOR LMR-240 CABLE SOLDER/CRIMP
B
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com