Electronic Components Datasheet Search
  English  ▼

X  

SC9177 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SC9177
Description  REV FAIRVIEW MICROWAVE INC. ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM .109"
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SC9177 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SC9177 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
DWG NO
SIZE
REV
SHEET
SCALE
CAGE CODE
A
N-M CLAMP RG55, RG58
SPECIFICATIONS
ELECTRICAL:
FREQUENCY: 0-12 GHZ
VSWR 1.3:1 MAX
IMPEDANCE: 50 OHMS
MECHANICAL:
MATERIAL BODY: NICKLE PLATED BRASSS
CENTER CONTACT: BRASS
CONTACT PLATING: Si QQ-S-365
INSULATOR: TEFLON
INTERFACE: MIL-STD-348B
ROHS COMPLIANT
OP. TEMP RANGE: -55°C- +155°C
ASSEMBLY INSTRUCTIONS:
TRIM CABLE TO OVERALL LENGTH AS SHOWN;
SLIDE BACKNUT, WASHER, GASKET, CLAMP ON CABLE;
COMB BRAID WIRES OUT, FOLD BACK, TRIM FLUSH W CLAMP;
TRIM DIELECTRIC & CENTER PIN AS SHOWN;
ASSEMBLE REAR BUSHING;
SOLDER CONTACT ONTO CENTER CONDUCTOR,
INSERT ASSEMBLY INTO BODY, TIGHTEN NUT
3FKR5
1.41"
.375"
Ø.5"
STRIPPING DIMENSIONS
.109"
.203"
FAIRVIEW MICROWAVE INC.
ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
N-M CLAMP RG55, RG58


Similar Part No. - SC9177

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC9171 FAIRVIEW-SC9171 Datasheet
27Kb / 1P
REV FAIRVIEW MICROWAVE INC. ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM .047" N-M CLAMP RG8, RG9, RG11
REV A
logo
List of Unclassifed Man...
SC91710A ETC-SC91710A Datasheet
297Kb / 18P
TONE / PULSE SWITCHABLE DIALER WITH HANDFREE FUNCTION
logo
Silan Microelectronics ...
SC91710A SILAN-SC91710A Datasheet
532Kb / 17P
T/P SWITCHABLE DIALER WITH REDIAL HANDFREE FUNCTION
SC91710AS SILAN-SC91710AS Datasheet
532Kb / 17P
T/P SWITCHABLE DIALER WITH REDIAL HANDFREE FUNCTION
logo
List of Unclassifed Man...
SC91710B ETC-SC91710B Datasheet
297Kb / 18P
TONE / PULSE SWITCHABLE DIALER WITH HANDFREE FUNCTION
More results

Similar Description - SC9177

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC7450EC MOTOROLA-MPC7450EC Datasheet
1Mb / 52P
Freescale Semiconductor, Inc.
logo
AZ Displays
AGM2432B-FE-FBH-T AZDISPLAYS-AGM2432B-FE-FBH-T Datasheet
401Kb / 13P
AZ DISPLAYS, INC.
AGM2464DC AZDISPLAYS-AGM2464DC Datasheet
55Kb / 1P
AZ DISPLAYS, INC.
GD-269P AZDISPLAYS-GD-269P Datasheet
70Kb / 1P
AZ DISPLAYS, INC.
logo
Freescale Semiconductor...
MC68302FC16C FREESCALE-MC68302FC16C Datasheet
261Kb / 13P
Freescale Semiconductor, Inc.
logo
CUI INC
K3815 CUI-K3815 Datasheet
34Kb / 1P
9615SW Allen Blvd
logo
Spectrum Microwave, Inc...
1202-005 SPECTRUM-1202-005 Datasheet
48Kb / 1P
FAIRVIEW PENNSYLVANIA
logo
Freescale Semiconductor...
MC68HC705J1ACPE FREESCALE-MC68HC705J1ACPE Datasheet
1Mb / 162P
Freescale Semiconductor, Inc.
logo
Davicom Semiconductor, ...
DM9051NP DAVICOM-DM9051NP Datasheet
87Kb / 1P
DAVICOM Semiconductor, Inc
logo
Pasternack Enterprises,...
PE33583 PASTERNACK-PE33583 Datasheet
269Kb / 1P
pasternack enterprises, inc.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com