Electronic Components Datasheet Search
  English  ▼

X  

MCP1415 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP1415
Description  Tiny 1.5A, High-Speed Power MOSFET Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1415 Datasheet(HTML) 3 Page - Microchip Technology

  MCP1415 Datasheet HTML 1Page - Microchip Technology MCP1415 Datasheet HTML 2Page - Microchip Technology MCP1415 Datasheet HTML 3Page - Microchip Technology MCP1415 Datasheet HTML 4Page - Microchip Technology MCP1415 Datasheet HTML 5Page - Microchip Technology MCP1415 Datasheet HTML 6Page - Microchip Technology MCP1415 Datasheet HTML 7Page - Microchip Technology MCP1415 Datasheet HTML 8Page - Microchip Technology MCP1415 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
 2008-2016 Microchip Technology Inc.
DS20002092G-page 3
MCP1415/16
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDD, Supply Voltage.............................................+20V
VIN, Input Voltage..............(VDD + 0.3V) to (GND - 5V)
Package Power Dissipation (TA = 50°C)
5L SOT23......................................................0.39W
ESD Protection on all Pins ......................2.0 kV (HBM)
................................................................... 300V (MM)
† Notice:
Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated
in
the
operational
sections
of
this
specification is not intended. Exposure to maximum
rating conditions for extended periods may affect
device reliability.
DC CHARACTERISTICS
Electrical Specifications:
Unless otherwise noted, TA = +25°C, with 4.5V  VDD  18V
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Input
Logic ‘1’ High Input Voltage
VIH
2.4
1.9
—
V
Logic ‘0’ Low Input Voltage
VIL
—
1.6
0.8
V
Input Current
IIN
-1
—
+1
μA
0V
 VIN  VDD
Input Voltage
VIN
-5
—
VDD + 0.3
V
Output
High Output Voltage
VOH
VDD - 0.025
—
—
V
DC Test
Low Output Voltage
VOL
—
—
0.025
V
DC Test
Output Resistance, High
ROH
—
6
7.5
IOUT = 10 mA, VDD = 18V
(Note 1)
Output Resistance, Low
ROL
—
4
5.5
IOUT = 10 mA, VDD = 18V
(Note 1)
Peak Output Current
IPK
—
1.5
—
A
VDD = 18V (Note 1)
Latch-Up Protection Withstand
Reverse Current
IREV
0.5
—
—
A
Duty cycle
 2%, t  300 μs
(Note 1)
Switching Time (Note 1)
Rise Time
tR
—
18
25
ns
VDD = 18V, CL = 1000 pF
Figure 4-1, Figure 4-2 (Note 1)
Fall Time
tF
—
21
28
ns
VDD = 18V, CL = 1000 pF
Figure 4-1, Figure 4-2 (Note 1)
Delay Time
tD1
—
44
54
ns
VDD = 18V, VIN = 5V
Figure 4-1, Figure 4-2 (Note 1)
MCP1415 Delay Time
tD2
—
47
57
ns
VDD = 18V, VIN = 5V
Figure 4-1 (Note 1)
MCP1416 Delay Time
tD2
—
54
64
ns
VDD = 18V, VIN = 5V
Figure 4-2 (Note 1)
Power Supply
Supply Voltage
VDD
4.5
—
18
V
Power Supply Current
IS
—
0.65
1.1
mA
VIN = 3V
IS
—
0.1
0.15
mA
VIN = 0V
Note 1:
Tested during characterization, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com