| Electronic Components Datasheet Search |
|
AM261...ZCZ Datasheet(PDF) 52 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZCZ Datasheet(HTML) 52 Page - Texas Instruments |
|
52 / 218 page ![]() 5.3 Signal Descriptions Many signals are available on multiple pins, according to the software configuration of the pin multiplexing options. The following list describes the column headers: 1. SIGNAL NAME: The name of the signal passing through the pin. Note Signal names and descriptions provided in each Signal Descriptions table, represent the pin multiplexed signal function which is implemented at the pin and selected via IOMUX pad configuration registers. Some device subsystems provide secondary multiplexing of signal functions, which are not described in these tables. For more information on secondary multiplexed signal functions, see the respective peripheral chapter of the device TRM. 2. PIN TYPE: Signal direction and type: • I = Input • O = Output • IO = Input, Output, or simultaneously Input and Output • ID = Input with open-drain output function • OD = Output, with open-drain output function • IOD = Input, Output, or simultaneously Input and Output, with open-drain output function • IOZ = Input, Output, or simultaneously Input and Output, with three-state output function • OZ = Output with three-state output function • A = Analog • CAP = LDO capacitor • PWR = Power • GND = Ground 3. DESCRIPTION: Description of the signal 4. BALL: Associated ball number For more information on the I/O cell configurations, see the Pad Configuration Registers section within the Device Configuration chapter of the device TRM. AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 www.ti.com 52 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |