Electronic Components Datasheet Search
  English  ▼

X  

AM261...ZCZ Datasheet(PDF) 107 Page - Texas Instruments

Part # AM261...ZCZ
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZCZ Datasheet(HTML) 107 Page - Texas Instruments

Back Button AM261...ZCZ Datasheet HTML 103Page - Texas Instruments AM261...ZCZ Datasheet HTML 104Page - Texas Instruments AM261...ZCZ Datasheet HTML 105Page - Texas Instruments AM261...ZCZ Datasheet HTML 106Page - Texas Instruments AM261...ZCZ Datasheet HTML 107Page - Texas Instruments AM261...ZCZ Datasheet HTML 108Page - Texas Instruments AM261...ZCZ Datasheet HTML 109Page - Texas Instruments AM261...ZCZ Datasheet HTML 110Page - Texas Instruments AM261...ZCZ Datasheet HTML 111Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 218 page
background image
PORz
RST4
WARMRSTn
RST5
RST6
Figure 6-5. WARMRSTn Switching Characteristics
6.11.3.2.3 WARMRSTn Timing Requirements
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
RST10
tw(WARMRSTnL) (1)
Pulse Width minimum, WARMRSTn
active (low)
500
16384000
ns
(1)
This timing parameter is controlled by the TOP_RCM.WARM_RSTTIME1/2/3 registers. See the Reset section of the Technical
Reference Manual for more details.
WARMRSTn
RST10
Figure 6-6. WARMRSTn Timing Requirements and Switching Characteristics
6.11.3.3 Safety Signal Timing
Tables and figures provided in this section define switching characteristics for SAFETY_ERRORn.
6.11.3.3.1 SAFETY_ERRORn Switching Characteristics
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
SFTY1
tc(SAFETY_ERRORn)
Cycle time minimum, SAFETY_ERRORn
(PWM mode enabled)
(P(1) × H(3)) + (P(1) ×
L)(4)
ns
SFTY2
tw(SAFETY_ERRORn)
Pulse width minimum, SAFETY_ERRORn
active (PWM mode disabled)(5)
P(1) × R(2)
ns
SFTY3
td(ERROR_CONDITIO
N-SAFETY_ERRORnL)
Delay time, ERROR_CONDITION to
SAFETY_ERRORn active(5)
50 × P(1)
ns
(1)
P = ESM functional clock
(2)
R = Error Pin Counter Pre-Load Register count value
(3)
H = Error Pin PWM High Pre-Load Register count value
(4)
L = Error Pin PWM Low Pre-Load Register count value
(5)
When PWM mode is enabled, SAFETY_ERRORn stops toggling after SFTY3 and will maintain its value (either high or low) until the
error is cleared. When PWM mode is disabled, SAFETY_ERRORn is active low
www.ti.com
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
107
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com