Electronic Components Datasheet Search
  English  ▼

X  

AM261...ZFG Datasheet(PDF) 56 Page - Texas Instruments

Part # AM261...ZFG
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZFG Datasheet(HTML) 56 Page - Texas Instruments

Back Button AM261...ZFG Datasheet HTML 52Page - Texas Instruments AM261...ZFG Datasheet HTML 53Page - Texas Instruments AM261...ZFG Datasheet HTML 54Page - Texas Instruments AM261...ZFG Datasheet HTML 55Page - Texas Instruments AM261...ZFG Datasheet HTML 56Page - Texas Instruments AM261...ZFG Datasheet HTML 57Page - Texas Instruments AM261...ZFG Datasheet HTML 58Page - Texas Instruments AM261...ZFG Datasheet HTML 59Page - Texas Instruments AM261...ZFG Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 218 page
background image
5.3.2 ADC_CAL
Table 5-6. ADC_CAL Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
ADC_CAL0 (1) (2)
-
ADC Calibration Pin 0
U16
V16
R13
U15
(1)
This pin is shared between ADC[0:2].
(2)
This pin is tied to Analog input channel ADCIN[7] for each ADC[0:2].
5.3.3 ADC VREF
Table 5-7. ADC_VREF Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
ADC_VREFHI0
-
ADC Reference (Positive)
V11
ADC_VREFHI1 (2)
-
ADC Reference (Positive)
V14
Y12
T10
V11
ADC_VREFHI2
-
ADC Reference (Positive)
V10
Y8
T7
V10
ADC_VREFLO0 (1)
-
ADC Reference (Negative)
W11
ADC_VREFLO1 (3)
-
ADC Reference (Negative)
V13
Y13
T11
W11
ADC_VREFLO2 (1)
-
ADC Reference (Negative)
V11
Y9
T8
W10
(1)
This pin can be connected (shorted) to analog ground (VSSA).
(2)
This pin can be connected (shorted) to ADC_VREFHI0.
(3)
This pin can be connected (shorted) to ADC_VREFLO0.
5.3.4 CPSW
Table 5-8. CPSW0 RGMII1 Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
RGMII1_RXC
I
RGMII Receive Clock
E16, R17
F19, W20
E13, P16
D19, V19
RGMII1_RX_CTL
I
RGMII Receive Control
F16, R18
G19, V19
D15, M14
E19, U17
RGMII1_TXC
O
RGMII Transmit Clock
C16, N18
B20, U20
L15
B18, R18
RGMII1_TX_CTL
O
RGMII Transmit Control
A17, M18
E18, T20
M16
A18, T19
RGMII1_RD0
I
RGMII Receive Data 0
F18, U17
H20, Y18
D14, P14
G18, W17
RGMII1_RD1
I
RGMII Receive Data 1
G16, T17
H19, W18
D16, P15
F18, V17
RGMII1_RD2
I
RGMII Receive Data 2
E17, U18
H17, Y19
R16
E17, W18
RGMII1_RD3
I
RGMII Receive Data 3
E18, T18
G20, W19
N14
F19, V18
RGMII1_TD0
O
RGMII Transmit Data 0
B18, P16
F17, V18
N15
D18, U18
RGMII1_TD1
O
RGMII Transmit Data 1
B17, P17
D20, V20
N16
C18, U19
RGMII1_TD2
O
RGMII Transmit Data 2
D16, P18
C20, U19
L13
B19, R17
RGMII1_TD3
O
RGMII Transmit Data 3
C17, N17
D19, T19
M15
C17, T18
Table 5-9. CPSW0 RGMII2 Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
RGMII2_RXC
I
RGMII Receive Clock
K15
N20
H15
L18
RGMII2_RX_CTL
I
RGMII Receive Control
K16
L20
G15
J19
RGMII2_TXC
O
RGMII Transmit Clock
H18
M19
F16
K18
RGMII2_TX_CTL
O
RGMII Transmit Control
L16
P18
H16
M19
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
56
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com