Electronic Components Datasheet Search
  English  ▼

X  

AMC0200DDR Datasheet(PDF) 28 Page - Texas Instruments

Part # AMC0200DDR
Description  AMC0x00D Precision, ±250mV Input, Basic and Reinforced Isolated Amplifiers With Fixed Gain and Differential Output
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0200DDR Datasheet(HTML) 28 Page - Texas Instruments

Back Button AMC0200DDR Datasheet HTML 24Page - Texas Instruments AMC0200DDR Datasheet HTML 25Page - Texas Instruments AMC0200DDR Datasheet HTML 26Page - Texas Instruments AMC0200DDR Datasheet HTML 27Page - Texas Instruments AMC0200DDR Datasheet HTML 28Page - Texas Instruments AMC0200DDR Datasheet HTML 29Page - Texas Instruments AMC0200DDR Datasheet HTML 30Page - Texas Instruments AMC0200DDR Datasheet HTML 31Page - Texas Instruments AMC0200DDR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
8.2.2.2 Differential-to-Single-Ended Output Conversion
Many systems use ADCs with single-ended inputs that cannot connect directly to the differential output of the
AMC0x00D. Figure 8-3 shows a circuit for converting the differential output signal into a single-ended signal in
front of the ADC. For R1 = R3 and R2 = R4, the output voltage equals (R2 / R1) × (VOUTP – VOUTN) + VREF. For
C1 = C2 the bandwidth of the filter becomes 1 / (2 × π × C1 × R1). Configure the bandwidth of the filter to match
the bandwidth requirement of the system. For best linearity, use capacitors with low voltage coefficients (such
as NP0-type capacitors). For most applications, R1 = R2 = R3 = R4 = 3.3kΩ and C1 = C2 = 330pF yield good
performance.
+
–
R4
R3
R1
R2
V
REF
ADC
To MCU
C1
C2
TLV9001
VDD2
OUTP
OUTN
GND2
Figure 8-3. Connecting the AMC0x00D Output to a Single-Ended Input ADC
The following reference guides provide further information on the general procedure to design the filtering and
driving stages of SAR ADCs. These reference guides are available for download at www.ti.com.
• 18-Bit, 1MSPS Data Acquisition Block (DAQ) Optimized for Lowest Distortion and Noise reference guide
• 18-Bit Data Acquisition Block (DAQ) Optimized for Lowest Power reference guide
AMC0200D, AMC0300D
SBASAR7A – SEPTEMBER 2025 – REVISED JUNE 2026
www.ti.com
28
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: AMC0200D AMC0300D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com