Electronic Components Datasheet Search
  English  ▼

X  

AM261...ZEJ Datasheet(PDF) 62 Page - Texas Instruments

Part # AM261...ZEJ
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZEJ Datasheet(HTML) 62 Page - Texas Instruments

Back Button AM261...ZEJ Datasheet HTML 58Page - Texas Instruments AM261...ZEJ Datasheet HTML 59Page - Texas Instruments AM261...ZEJ Datasheet HTML 60Page - Texas Instruments AM261...ZEJ Datasheet HTML 61Page - Texas Instruments AM261...ZEJ Datasheet HTML 62Page - Texas Instruments AM261...ZEJ Datasheet HTML 63Page - Texas Instruments AM261...ZEJ Datasheet HTML 64Page - Texas Instruments AM261...ZEJ Datasheet HTML 65Page - Texas Instruments AM261...ZEJ Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 218 page
background image
Table 5-31. GPIO Signal Descriptions (continued)
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
GPIO19
IO
General Purpose Input/Output
A9
A11
C10
A11
GPIO100
IO
General Purpose Input/Output
M15
P19
J16
N19
GPIO101
IO
General Purpose Input/Output
H17
K20
F15
H19
GPIO102
IO
General Purpose Input/Output
H16
L19
G14
H18
GPIO103
IO
General Purpose Input/Output
F15
F20
E18
GPIO104
IO
General Purpose Input/Output
C18
E20
GPIO105
IO
General Purpose Input/Output
D17
E19
GPIO106
IO
General Purpose Input/Output
D18
G18
C19
GPIO107
IO
General Purpose Input/Output
E16
F19
E13
D19
GPIO108
IO
General Purpose Input/Output
F16
G19
D15
E19
GPIO109
IO
General Purpose Input/Output
F18
H20
D14
G18
GPIO110
IO
General Purpose Input/Output
G16
H19
D16
F18
GPIO111
IO
General Purpose Input/Output
E17
H17
E17
GPIO112
IO
General Purpose Input/Output
E18
G20
F19
GPIO113
IO
General Purpose Input/Output
C16
B20
B18
GPIO114
IO
General Purpose Input/Output
A17
E18
A18
GPIO115
IO
General Purpose Input/Output
B18
F17
D18
GPIO116
IO
General Purpose Input/Output
B17
D20
C18
GPIO117
IO
General Purpose Input/Output
D16
C20
B19
GPIO118
IO
General Purpose Input/Output
C17
D19
C17
GPIO119
IO
General Purpose Input/Output
D15
C18
B16
GPIO120
IO
General Purpose Input/Output
C15
C19
B17
GPIO121
IO
General Purpose Input/Output
P2
U2
P3
T1
GPIO122
IO
General Purpose Input/Output
B16
B19
C15
GPIO123
IO
General Purpose Input/Output
D14
C16
A15
GPIO124
IO
General Purpose Input/Output
A16
A19
C16
GPIO125
IO
General Purpose Input/Output
D13
B17
C14
GPIO126
IO
General Purpose Input/Output
B15
A18
B16
A17
GPIO127
IO
General Purpose Input/Output
C13
A17
A14
A16
GPIO128
IO
General Purpose Input/Output
A15
B18
B15
GPIO129
IO
General Purpose Input/Output
C14
D17
B14
GPIO130
IO
General Purpose Input/Output
B14
A16
D13
B15
GPIO131
IO
General Purpose Input/Output
A14
B16
C13
A15
GPIO132
IO
General Purpose Input/Output
C12
C14
C12
A14
GPIO133
IO
General Purpose Input/Output
D11
D15
B13
B14
GPIO134 (4)
IO
General Purpose Input/Output
B13
B15
B12
B13
GPIO135 (3)
IO
General Purpose Input/Output
A13
A15
A13
A13
GPIO136
IO
General Purpose Input/Output
B12
B14
GPIO137
IO
General Purpose Input/Output
A12
A14
GPIO138
IO
General Purpose Input/Output
M2
M1
H1
J3
GPIO139
IO
General Purpose Input/Output
V2
V1
R1
V1
GPIO140
IO
General Purpose Input/Output
U3
W1
P1
U1
GPIO20
IO
General Purpose Input/Output
B9
B11
D8
B10
GPIO21
IO
General Purpose Input/Output
B8
B10
B8
A10
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
62
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com