Electronic Components Datasheet Search
  English  ▼

X  

E15 Datasheet(PDF) 1 Page - YORKVILLE

Part # E15
Description  E15
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YORKVILLE [YORKVILLE]
Direct Link  https://yorkville.com/
Logo YORKVILLE - YORKVILLE

E15 Datasheet(HTML) 1 Page - YORKVILLE

  E15 Datasheet HTML 1Page - YORKVILLE E15 Datasheet HTML 2Page - YORKVILLE  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
élite
Passive Series
E15
Overview
The E15's extended bottom end can easily cover many club applications
on its own, when used with the processor and a subwoofer, it can be the
ideal mid-high loudspeaker cabinet. The E15 can be utilized vertically or
horizontally and comes equipped with flypoints and recessed
standmount adaptor for maximum versatility.
The rotatable 80° x 50° horn means high frequency dispersion can be
tailored to suit the cabinet's placement.
Integrated flypoints and standmount adaptor means the E15 can be flown
or stage-mounted in used as a front-of-house box or stage monitor in any
installation, touring or club rig.
The unique cabinet shape makes for tighter arrays and the ability to fly
the cabinet much closer to walls and ceilings than most conventional
boxes. When used with the EP1215 processor, the E15 can be easily
bi-amplified, or used with any élite series subwoofer.
E15 - Black Ozite (Carpet) Finish
E15B - Black Ultrathane (Painted) Finish
Features
• 1400 Watt Full Range Loudspeaker (700 Watts Program)
• 15-inch Woofer / 1-inch Compression Driver
• Max SPL Peak 133dB (130dB Continuous)
• Designed for Front-of-House or Monitor applications
• 80° x 50° ABS Rotatable Custom Waveguide Horn
• Advanced PTC™ High Frequency Driver Protection
• 2 x Speakon™ and 2 x 1/4-inch Parallel Inputs
• Integrated All Metal Speaker Standmount Adaptor
• 5/8-inch (15mm) Birch Plywood Construction
• Made in Canada
yorkville.com


Similar Part No. - E15

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
E15 DBLECTRO-E15 Datasheet
381Kb / 2P
D-SUM IDC
logo
List of Unclassifed Man...
E15 ETC2-E15 Datasheet
73Kb / 4P
Thermal Cutouts Temperature Protection for Electronics
logo
Powerbox
E15 POWERBOX-E15 Datasheet
306Kb / 1P
1.5-3 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
logo
XP Power Limited
E15 XPPOWER-E15 Datasheet
581Kb / 7P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
DB Lectro Inc
E15-09-F-A-A-A-A-1 DBLECTRO-E15-09-F-A-A-A-A-1 Datasheet
381Kb / 2P
D-SUM IDC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com