Electronic Components Datasheet Search
  English  ▼

X  

ES15P Datasheet(PDF) 1 Page - YORKVILLE

Part # ES15P
Description  ES15P
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YORKVILLE [YORKVILLE]
Direct Link  https://yorkville.com/
Logo YORKVILLE - YORKVILLE

ES15P Datasheet(HTML) 1 Page - YORKVILLE

  ES15P Datasheet HTML 1Page - YORKVILLE  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Overview
The ES18P is a modern-day update of our
flagship ‘giant killer’, the LS801P. The cabinet
dimensions have been altered to offer better
mobility, but the punch is still there. We’ve also
added a little-brother to the family, by scaling
down the 18” subwoofer design into a 15” plat-
form. The ES15P design dials up the watts and
incorporates a custom engineered 15” woofer
to produce an astonishing amount of low end
output in a 15” subwoofer.
ES15P
Features
· Next Generation Rear Horn Loaded
Powered Subwoofer Design
· Class Leading Output and Bass Response
Astonishing Output for a ‘Vehicle Friendly’
15-inch Subwoofer
· Custom Designed Long Excursion Cast
Frame 18-inch Driver with 4-inch Voicecoil
· Proprietary DSP Based Limiters for In
creased Output, Improved Sonic Quality
and Greater Long Term Reliability
· Three DSP Based Preset Modes for
Increased Flexibility in Any Live Sound or
Club Application (Punchy, Smooth or
Deep Response Curves)
· iOS and Android App for Added
Subwoofer Control
· Made in Canada
Specifications
System Type
Rear Horn Loaded Subwoofer
Active or Passive
Active
Program Power (Watts)
1800 Watts
(3600 Watts Peak)
Max SPL (dB)
138dB Peak
(132dB Continuous)
Frequency Response
45 - 150 (Hz +/- 3dB)
LF Driver(s)
15-inch Cast Frame Woofer
w/4-inch Voicecoil
Power Consumption (typ/max)
120V (4A /4.5A),
230V (2A / 2.3A)
In / Out Connections
1 x XLR Input
1 x XLR Mono Blend Input
1 x 1/4-inch Link Input
1 x 1/4-inch Link Output
1 x XLR Link Output
Level Controls
Master
LED Indicators
Power, Activity,
Protection (Clip, X-Max, Temp) &
Other Controls / Features
Active Controls: Mode - 1
Punchy, 2 Smooth, 3 Deep
High Frequency Roll-off
- 80Hz to 150 Hz
Bar Handles
2 x top, 2 x bottom
Pole Mount Adapter
1 (Top) (1 3/8”-3.5cm)
Enclosure Materials
15mm (5/8inch)
11-ply Russian Birch
Covering / Finish
Black Ultrathane Paint
Dimensions (DWH xbackW)
21 x 18 x 32 (, inches)
Dimensions (DWH xbackW)
53.3 x 45.7 x 81.3 (cm)
Weight
110lbs
50kg
Specifications subject to change without notice


Similar Part No. - ES15P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ES1500A ETC2-ES1500A Datasheet
457Kb / 2P
This additional handset has been designed to operate with the ES1510A telephone system
logo
Power-One
ES1501-7R POWER-ONE-ES1501-7R Datasheet
147Kb / 4P
100 Watt DC-DC Converters
logo
EPCOS
ES150XSMD EPCOS-ES150XSMD Datasheet
141Kb / 4P
Surge arrester 2-electrode arrester
logo
Taiwan Semiconductor Co...
ES15DLW TSC-ES15DLW Datasheet
351Kb / 8P
1.5A, 200V - 600V Surface Mount Super Fast Rectifier
ES15GLW TSC-ES15GLW Datasheet
351Kb / 8P
1.5A, 200V - 600V Surface Mount Super Fast Rectifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com