Electronic Components Datasheet Search
  English  ▼

X  

EX1 Datasheet(PDF) 2 Page - YORKVILLE

Part # EX1
Description  EX1
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YORKVILLE [YORKVILLE]
Direct Link  https://yorkville.com/
Logo YORKVILLE - YORKVILLE

EX1 Datasheet(HTML) 2 Page - YORKVILLE

  EX1 Datasheet HTML 1Page - YORKVILLE EX1 Datasheet HTML 2Page - YORKVILLE EX1 Datasheet HTML 3Page - YORKVILLE  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
élite
Powered Series
EX1
yorkville.com
Features
• Ideal PA system solution for audiences of up to 300 people
• Complete PA system that truly is "Plug and Play," all amplification
is built-in
• Voiced for recorded music playback as well as live sound
reinforcement applications
• XLR and 1/4-inch TRS balanced inputs connect easily to any
mixer source
• Active crossover network and integrated power amplification
creates a seamless balance between subwoofer and stereo
full range bi-amplified loudspeakers
• System nests together for easy transportation and storage
• Ultra quiet, highly efficient, high output, low distortion,
and lightweight compact PA solution
• Integrated bar handles and standmount adaptors
• Solid plywood cabinet construction
• Available in both Black Ozite Carpet (EX1) and
Black Ultrathane (EX1B) painted finishes
• Removable caster kit
EX1 Rear Panel
Dimensions
(WxHxD in/cm):
Satellite Speakers - (each)
8.5x10.75x15.5 / 21.5x27.3x39.4
17.7lbs / 8.1kgs
Subwoofer -
21.5x17.25x22.25 / 54.6x43.8x56.5
81.2lbs / 36.8kgs
Caster Kit (with wheels) -
17.25x22.25x3.5 / 43.8x56.5x9
15.2lbs / 6.9kgs
Specifications subject to change without notice



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com