Electronic Components Datasheet Search
  English  ▼

X  

R910M4 Datasheet(PDF) 1 Page - ABB

Part # R910M4
Description  M 4/9 R111-24VDC ( Gris ABB )
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

R910M4 Datasheet(HTML) 1 Page - ABB

  R910M4 Datasheet HTML 1Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Extended Product Type:
Product ID:
EAN:
Catalog Description:
Long Description:
Minimum Order Quantity:
Customs Tariff Number:
Product Net Height:
Product Net Depth:
Product Net Weight:
Product Net Width:
Wire Stripping Length:
Recommended Screw Driver:
Ambient Air Temperature:
Data Sheet, Technical Information:
Declaration of Conformity - CE:
EAC Certificate:
Package Level 1 Width:
Package Level 1 Length:
Package Level 1 Height:
Package Level 1 Gross Weight:
Package Level 1 EAN:
Package Level 2 Units:
Package Level 2 Width:
Package Level 2 Length:
Package Level 2 Height:
Package Level 3 Units:
Product Packing Type:
Package Level 1 Units:
General Information
R910 M 4/9 R111-24VDC ( Gris ABB )
1SNA607030R0600
3472596070304
M 4/9 R111-24VDC ( Gris ABB )
Screw relay M 4/9 R111-24VDC ( Gris ABB ) : 24vdc input / 1NO 10mA upto 5A.
Categories
Products
» Low Voltage Products and Systems » Connection Devices » Terminal Blocks » Solution Series
Ordering
10 piece
85371099
Dimensions
65.5 mm
59.7 mm
0.02 kg
9 mm
Technical
9 mm
3.5 mm
Environmental
Operation -20 ... 60 °C
Storage -40 ... 80 °C
Certificates and Declarations (Document Number)
1SNC117003C301
1SND225053U1000
1SND161009A1100
Container Information
85 mm
110 mm
60 mm
0.2 kg
3472596070304
200 piece
300 mm
500 mm
150 mm
9600 piece
Box
10 piece
R910 M 4/9 R111-24VDC ( Gris ABB )


Similar Part No. - R910M4

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
R910-4 RICHCO-R910-4 Datasheet
26Kb / 1P
NYLON SPACERS
logo
Sealevel Systems, Inc.
R91001 SEALEVEL-R91001 Datasheet
261Kb / 2P
Relio R9 ARM9 Embedded RISC Computer
R91001-KT SEALEVEL-R91001-KT Datasheet
264Kb / 2P
Relio R9-KT ARM9 Embedded RISC Computer QuickStart Kit
R91001-SBC SEALEVEL-R91001-SBC Datasheet
287Kb / 2P
SBC-R9 ARM9 RISC Single Board Computer
R91001-SBC-KT SEALEVEL-R91001-SBC-KT Datasheet
286Kb / 2P
SBC-R9-KT ARM9 RISC Single Board Computer QuickStart Kit
More results

Similar Description - R910M4

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2304665 PHOENIX-2304665 Datasheet
79Kb / 3P
Splitting cable for ABB S800 I/O, cable length 3 m
2304678 PHOENIX-2304678 Datasheet
78Kb / 3P
Splitting cable for ABB S800 I/O, cable length 5 m
2904058 PHOENIX-2904058 Datasheet
34Kb / 1P
ELR-RO-T-9-24VDC
2904060 PHOENIX-2904060 Datasheet
34Kb / 1P
ELR-DO-T-9 -24VDC
3208692 PHOENIX-3208692 Datasheet
50Kb / 3P
FC 4-PCB/10/ABB
logo
ABB
STE ABB-STE Datasheet
484Kb / 2P
ABB cable glands ??STE Star Teck짰 extreme series
logo
HARTING Technology Grou...
09-38-036-3001 HARTING-09-38-036-3001 Datasheet
509Kb / 2P
Han K 9/9/18-M-C Inserts
logo
ABB
ACS355 ABB-ACS355 Datasheet
109Kb / 2P
ABB machinery drives ABB machinery drives
logo
Tripp Lite. All Rights ...
P580-009-8K6 TRIPPLITE-P580-009-8K6 Datasheet
50Kb / 3P
DisplayPort Cable with Latching Connectors (M/M), 8K 60 Hz, HDR, HBR3, 4:4:4, HDCP 2.2, 9 ft. (2.7 m)
logo
Weidmuller
1254880000 WEIDMULLER-1254880000 Datasheet
1,023Kb / 5P
TERMOPTO TOP 24VDC/24VDC 4A
03.04.2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com