Electronic Components Datasheet Search
  English  ▼

X  

OSZ4 Datasheet(PDF) 6 Page - ABB

Part # OSZ4
Description  Switchgear Enclosed switch disconnectors, switch fuses and transfer switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OSZ4 Datasheet(HTML) 6 Page - ABB

Back Button OSZ4 Datasheet HTML 2Page - ABB OSZ4 Datasheet HTML 3Page - ABB OSZ4 Datasheet HTML 4Page - ABB OSZ4 Datasheet HTML 5Page - ABB OSZ4 Datasheet HTML 6Page - ABB OSZ4 Datasheet HTML 7Page - ABB OSZ4 Datasheet HTML 8Page - ABB OSZ4 Datasheet HTML 9Page - ABB OSZ4 Datasheet HTML 10Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6 Enclosed Switching Products 0115 ABB Low Voltage
7 Enclosed Switching Products 0115 ABB Low Voltage
3 - 4 pole 20 ... 800A
AC23 [kW]
Dimensions
Part Number
Product Hierarchy 4000003
Order Code
1thA 400V 500V 690V
H
W
D
No. Poles
Fuse Type
20
7.5
11
15
300
300
150
3+detach neutral
A1
OS20TPN-A
OS20TPN-A
4
OS20FP-A
OS20FP-A
32
15
18
25
300
300
150
3+detach neutral
A2
OS32TPN-A
OS32TPN-A
4
OS32FP-A
OS32FP-A
63
30
37
55
400
300
150
3+detach neutral
A2/A3
OS63TPN-A
OS63TPN-A
4
OS63FP-A
OS63FP-A
100
55
55
90
400
300
150
3+detach neutral
A2/A3
OS100TPN-A
OS100TPN-A
4
OS100FP-A
OS100FP-A
125
55
75
110
400
300
150
3+detach neutral
A2/A3
OS125TPN-A
OS125TPN-A
4
OS125FP-A
OS125FP-A
160
75
90
132
500
400
200
3+solid neutral
A3/A4
OS160TPN-A
OS160TPN-A
4
OS160FP-A
OS160FP-A
200
110
132
200
600
400
250
3+detach neutral
B1/B2
OS200TPN-A
OS200TPN-A
4
OS200FP-A
OS200FP-A
315
160
220
220
600
400
250
3+detach neutral
B1/B4
OS315TPN-A
OS315TPN-A
4
OS315FP-A
OS315FP-A
400
220
280
400
600
400
250
3+detach neutral
B1/B4
OS400TPN-A
OS400TPN-A
4
OS400FP-A
OS400FP-A
630
355
450
560
600
600
300
3+detach neutral
C1/C2
OS630TPN-A
OS630TPN-A
4
OS630FP-A
OS630FP-A
800
450
560
710
800
600
300
3+detach neutral
C1/C2
OS800TPN-A
OS800TPN-A
4
OS800FP-A
OS800FP-A
• IP65 rated (not suitable for external installation)
• Powder coated textured finish (RAL 7035)
• All switches are supplied with fuses and removable gland plates
• All 3 pole switches include detachable neutral link (OT160 solid link)
• Switch Fuses are internally rated IP20 on incoming terminals up to 63A
• Hinged lid complete with lock
• Padlockable pistol grip handle as standard
• Switch Fuses 100A are supplied with incoming terminal shrouds
(NOT FITTED) to allow customer connections
• Spreader boxes available see below
Note: OT630 & OT800 TPN/FP products are made to order and are non-stock items
Spreader Boxes
Spreader Box
Spreader Box Gasket
Suitable for Loadbreak Switches
Part Number
Product Hierarchy 3200003
Order Code
Part Number
Product Hierarchy 3200003
Order Code
OS20 - OS125
Not Required
-
Not Required
-
OS160
SRN5420K
SRN5420K
GZ4020
GZ4020
OS200 - OS400
SRN6425K
SRN6425K
GZ4025
GZ4025
OS630 - OS800
SRN8530K
SRN8530K
GZ6030
GZ6030
Wall Mounting Brackets (Pack of 4)
AA1206
AA1206
Auxiliary Contacts
1 N/O
OA1G10
OA1G10
1 N/C
OA3G01
OA3G01
1 N/O - 1 N/C
OA2G11
OA2G11
1 x CO contact - only for products OS20_/OS32_
OA4B1C
OA4B1C
Mounting frame to fit OA1/OA3 aux on left side of OS20/0S32 switch fuse (only for OS20_/OS32_
OSZ4
OSZ4
Switchgear - Switch fuses
IP65 Steel enclosure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com