Electronic Components Datasheet Search
  English  ▼

X  

OT40FPC-B Datasheet(PDF) 7 Page - ABB

Part # OT40FPC-B
Description  Switchgear Enclosed switch disconnectors, switch fuses and transfer switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OT40FPC-B Datasheet(HTML) 7 Page - ABB

Back Button OT40FPC-B Datasheet HTML 3Page - ABB OT40FPC-B Datasheet HTML 4Page - ABB OT40FPC-B Datasheet HTML 5Page - ABB OT40FPC-B Datasheet HTML 6Page - ABB OT40FPC-B Datasheet HTML 7Page - ABB OT40FPC-B Datasheet HTML 8Page - ABB OT40FPC-B Datasheet HTML 9Page - ABB OT40FPC-B Datasheet HTML 10Page - ABB OT40FPC-B Datasheet HTML 11Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7 Enclosed Switching Products 0115 ABB Low Voltage
Switchgear - BS fuses
HRC fuse links, BS-type
OFFNC 2
MADE IN AB
B
415V
630A
2 / gG
>80kA
OFFNA 3
MADE IN AB
B
415V
63A
3 / gG
>80kA
OFFNA 4
MADE IN AB
B
415V
125A
4 / gG
>80kA
OFFNA 2
MADE IN AB
B
415V
32A
2 / gG
>80kA
OFFNB 4
MADE IN AB
B
415V
400A
4 / gG
>80kA
OFFNB 3
MADE IN AB
B
415V
315A
3 / gG
>80kA
OFFNB 2
MADE IN AB
B
415V
200A
2 / gG
>80kA
OFFNB 1
MADE IN AB
B
415V
63A
1 / gG
>80kA
OFFNF 1
MADE IN AB
B
415V
32A
1 / gG
>80kA
OFFNF1
OFFNA1
OFFNA2
OFFNA3
OFFNA4
OFFNB1
OFFNB2
OFFNB3
OFFNB4
OFFNC2
BS-fuse type
In [A]
Ph [W]
Part Number
Product Hierarchy
0002100007 Order Code
Tag type: Offset
F1
2
0.9
OFFNF1GG2
1SCA107786R1001
4
1.5
OFFNF1GG4
1SCA107787R1001
6
1.5
OFFNF1GG6
1SCA107788R1001
10
1.2
OFFNF1GG10
1SCA107789R1001
16
1.6
OFFNF1GG16
1SCA107790R1001
20
1.7
OFFNF1GG20
1SCA107791R1001
25
2.0
OFFNF1GG25
1SCA107792R1001
32
2.9
OFFNF1GG32
1SCA107793R1001
Tag type: Offset, two holes fixing 20
A1
2
0.9
OFFNA1GG2
1SCN833065R2012
4
1.5
OFFNA1GG4
1SCN833066R2012
6
1.5
OFFNA1GG6
1SCN833067R2012
10
1.2
OFFNA1GG10
1SCN833068R2012
16
1.6
OFFNA1GG16
1SCN833069R2012
20
1.7
OFFNA1GG20
1SCN833061R2012
25
2.0
OFFNA1GG25
1SCN833070R2012
32
2.9
OFFNA1GG32
1SCN833062R2012
A2
6
1.5
OFFNA2GG6
1SCA107795R1001
10
1.2
OFFNA2GG10
1SCA107796R1001
16
1.6
OFFNA2GG16
1SCA107798R1001
20
1.7
OFFNA2GG20
1SCA107827R1001
25
2.0
OFFNA2GG25
1SCA107800R1001
32
2.9
OFFNA2GG32
1SCA107801R1001
A3
40
3.0
OFFNA3GG40
1SCA107803R1001
50
3.6
OFFNA3GG50
1SCA107804R1001
63
4.7
OFFNA3GG63
1SCA107805R1001
A4
50
3.6
OFFNA4GG50
1SCA107806R1001
63
4.7
OFFNA4GG63
1SCA107807R1001
80
6.5
OFFNA4GG80
1SCA107808R1001
100
7.5
OFFNA4GG100
1SCA107809R1001
125
11.5
OFFNA4GG125
1SCA107810R1001
160
14.5
OFFNA4GG160
1SCN833063R2012
200
16.2
OFFNA4GG200
1SCN833064R2012
B1
50
4.8
OFFNB1GG50
1SCA107811R1001
63
5.9
OFFNB1GG63
1SCA107812R1001
80
6.5
OFFNB1GG80
1SCA107813R1001
100
7.5
OFFNB1GG100
1SCA107814R1001
B2
125
11.5
OFFNB2GG125
1SCA107816R1001
160
14.5
OFFNB2GG160
1SCA107817R1001
200
16.2
OFFNB2GG200
1SCA107818R1001
Tag type: Central, two holes fixing 10
B3
250
24.0
OFFNB3GG250
1SCA107819R1001
315
31.0
OFFNB3GG315
1SCA107820R1001
400
38.0
OFFNB4GG400
1SCA107822R1001
Tag type: Central, four holes fixing
C1
400
38.0
OFFNC1GG400
1SCA107823R1001
C2
500
48.0
OFFNC2GG500
1SCA107824R1001
630
54.0
OFFNC2GG630
1SCA107825R1001
C3
800
68.0
OFFNC3GG800
1SCA107826R1001
OFFNA 1
MADE IN AB
B
415V
32A
1 / gG
>80kA
BS Fuses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com