Electronic Components Datasheet Search
  English  ▼

X  

TMF500 Datasheet(PDF) 7 Page - ABB

Part # TMF500
Description  Switching - Loadbreak Switches IP65 Polycarbonate Enclosure
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

TMF500 Datasheet(HTML) 7 Page - ABB

Back Button TMF500 Datasheet HTML 3Page - ABB TMF500 Datasheet HTML 4Page - ABB TMF500 Datasheet HTML 5Page - ABB TMF500 Datasheet HTML 6Page - ABB TMF500 Datasheet HTML 7Page - ABB TMF500 Datasheet HTML 8Page - ABB TMF500 Datasheet HTML 9Page - ABB TMF500 Datasheet HTML 10Page - ABB TMF500 Datasheet HTML 11Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Switching - MCCBs
IP65 Steel Enclosure
3
www.abb.com/lowvoltage
email info@gb.abb.com
Telephone 02476 368500
Facsimile 02476 368401
3/7
MCCB 3 - 4 pole and RCD
32 ... 630A
•
IP54 rated
•
Powder coated textured finish (RAL 7035)
•
Hinged lid complete with 2 fastening screws (removable)
•
Removable gland plates fitted top and bottom (see below for knockout configurations)
•
Spreader Boxes available see page 3/10
•
Icu = 36kA@415v
Rating @ 415v
Dimensions
[lth A]
H
W
D
Spreader Box
Order Code
Price £
3pole
400
300
180*
SB2G
MCCB32TP
320.27
32A
4pole
400
300
180*
SB2G
MCCB32FP
370.63
3pole
400
300
180*
SB2G
MCCB63TP
320.27
63A
4pole
400
300
180*
SB2G
MCCB63FP
370.63
3pole
400
300
180*
SB2G
MCCB100TP
320.27
100A
4pole
400
300
180*
SB2G
MCCB100FP
370.63
3pole
400
300
180*
SB2G
MCCB125TP
323.19
125A
4pole
400
300
180*
SB2G
MCCB125FP
395.13
3pole
400
300
180*
SB2G
MCCB160TP
323.19
160A
4pole
400
300
180*
SB2G
MCCB160FP
395.13
3pole
500
360
180*
SB2G
MCCB250TP
544.08
250A
4pole
500
360
180*
SB2G
MCCB250FP
662.80
3pole
800
600
250**
SB4G
MCCB400TP
706.82
400A
4pole
800
600
250**
SB4G
MCCB400FP
862.01
3pole
800
600
250**
SB4G
MCCB630TP
930.17
630A
4pole
800
600
250**
SB4G
MCCB630FP
1133.77
* add 59mm for handle
** add 50mm for handle
Knockout Configuration:
20 - 32A
2 x 20mm
1 x 25mm
63 - 100 - 125A
1 x 25m
1 x 32mm
1 x 40mm (centre)
160 - 630A
Blank gland plates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com