Electronic Components Datasheet Search
  English  ▼

X  

ATM Datasheet(PDF) 1 Page - TOKYO KEISO CO.,LTD.

Part # ATM
Description  Averaging Temperature Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

ATM Datasheet(HTML) 1 Page - TOKYO KEISO CO.,LTD.

  ATM Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. ATM Datasheet HTML 2Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ATM
Averaging Temperature Sensor
GENERAL
ATM is an average temperature sensor which is installed from tank top.
ATM consists of plural temperature elements which have different length
with fixed interval. In one element, several Pt sensors are distributed in
equal interval and these Pt sensors totally form Pt 100 ohm. Thus, one
element detects vertical average temperature.
ATM is connected to Tokyokeiso’s Intelligent type servo operated tank
gauges or digital tank data transmitters by which the longest tempera-
ture element below the liquid surface is selected.
STANDARD SPECIFICATION
Element standard
: Pt (JIS C1604-1997)
On request
:JPt, Cu
Element class
:
Standard
; Class B
(ATM-
□□□□-□B-□□□□□)
Fine
; Class A
(ATM-
□□□□-□A-□□□□□)
Rating current
: 2mA
Measuring range
: 0 to 100°C
No. of elements
: Max. 16
Measuring length
: Max.30000mm
Element interval
: Standard sensor intervals : 1m, 2m, 3m
Consult TOKYO KEISO for other intervals
including uneven distribution.
Operating pressure
: Atmospheric pressure
Connection
: Flange
Flange size
: 40mm, 50mm, 80mm, 100mm or others
Rating
: JIS10k RF, ANSI#150, JPI#150 or others
Enclosure
: Flameproof construction
Exd ll B T4 (TllS)
Exd ll B T6 (LCIE)
Exd ll B T4 (KOSHA)
Cable entry
: G3/4 or others (with adapters)
Cable termination
: M3.5 screw terminal
Material
:
1
s
s
a
l
c
l
a
i
r
e
t
a
M
ATM-
□□□1
2
s
s
a
l
c
l
a
i
r
e
t
a
M
ATM-
□□□2
e
b
u
t
.
x
e
l
F
SUS316L
L
6
1
3
S
U
S
e
g
n
a
l
F4
0
3
S
U
S6
1
3
S
U
S
x
o
b
l
a
n
i
m
r
e
T
ADC12
t
h
g
i
e
w
r
o
h
c
n
A4
0
3
S
U
S6
1
3
S
U
S
Mass
:
Measuring length (m)
Mass (kg)
7
12
10
14
15
18
20
22
25
26
30
30
Finish
: Terminal box
; Silver as standard color
Stainless steel part ; No paint
MODEL CODE
Model code
ATM–
––
Element
interval
1m
2m
3m
Special
"01"(1 element) to "16"(16 elements)
Material class 1
Material class 2
Special
Water tight
Flameproof construction (TIIS)
Flameproof construction (LCIE)
Flameproof construction (KOSHA)
JPt (JIS)
Pt (JIS)
Class A (Fine)
Class B (Standard)
40mm (11/2")
50m (2")
80m (3")
100m (4")
Others
JIS10k RF
ANSI#150
JPI#150
Others
Not provided
Provided
Not provided
Provided
1
2
3
9
1
2
9
J
P
A
B
1
2
3
4
9
0
1
0
1
1
2
3
9
W
E1
E2
E3
No. of elements
Element class
Standard element
Enclosure
Process flange size
Process flange rating
Flameproof cable gland
Anchor weight
Material class
Description
*2
*3
*4
*1
*1: Consult TOKYO KEISO for other kinds of materials.
*2: with adapters
*3: It is required to use specific Flameproof cable gland.
*4: Specify cable Outside diameter.
TG-LD272-4E
Oct 2017
Jan 1992
5th edition
1st edition
K


Similar Part No. - ATM

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
ATM EATON-ATM Datasheet
796Kb / 2P
ATM blade fuses
logo
Mersen
ATM MERSEN-ATM Datasheet
89Kb / 1P
MIDGET, PC MOUNT & MINIATURE FUSES
ATM MERSEN-ATM Datasheet
401Kb / 1P
Fast-Acting Midget Fuses
logo
List of Unclassifed Man...
ATM-0007 ETC2-ATM-0007 Datasheet
345Kb / 3P
ELECTRICALLY CONDUCTIVE DIE ATTACH ADHESIVE
ATM-0018 ETC2-ATM-0018 Datasheet
345Kb / 3P
ELECTRICALLY CONDUCTIVE DIE ATTACH ADHESIVE
More results

Similar Description - ATM

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZNI1000 ZETEX-ZNI1000_06 Datasheet
107Kb / 5P
TEMPERATURE SENSOR
logo
Diodes Incorporated
ZNI1000 DIODES-ZNI1000 Datasheet
165Kb / 6P
Temperature sensor
JUNE 2007
logo
Thinking Electronic Ind...
PTLS2101RP416 THINKING-PTLS2101RP416 Datasheet
420Kb / 7P
Temperature Sensor
logo
Texas Instruments
TMP435 TI1-TMP435 Datasheet
810Kb / 33P
TEMPERATURE SENSOR
TMP431 TI1-TMP431 Datasheet
1Mb / 47P
Temperature Sensor
logo
Maxim Integrated Produc...
MAX11301 MAXIM-MAX11301 Datasheet
2Mb / 55P
Programmable Sample Averaging Per ADC Port
Rev 0; 3/15
logo
TE Connectivity Ltd
RTD TEC-RTD Datasheet
118Kb / 3P
Temperature Sensor
logo
TT Electronics.
DS1710 TTELEC-DS1710 Datasheet
1Mb / 4P
Platon Averaging Pitot Tube: Flo-Bar
DS2101 TTELEC-DS2101 Datasheet
477Kb / 2P
Averaging Multi Resistance Thermometer (MRT)
DS2530 TTELEC-DS2530 Datasheet
674Kb / 2P
Temperature Duct Averaging Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com