Electronic Components Datasheet Search
  English  ▼

X  

AOS100 Datasheet(PDF) 5 Page - ABB

Part # AOS100
Description  Switching - Loadbreak Switches IP65 Polycarbonate Enclosure
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

AOS100 Datasheet(HTML) 5 Page - ABB

  AOS100 Datasheet HTML 1Page - ABB AOS100 Datasheet HTML 2Page - ABB AOS100 Datasheet HTML 3Page - ABB AOS100 Datasheet HTML 4Page - ABB AOS100 Datasheet HTML 5Page - ABB AOS100 Datasheet HTML 6Page - ABB AOS100 Datasheet HTML 7Page - ABB AOS100 Datasheet HTML 8Page - ABB AOS100 Datasheet HTML 9Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
3
www.abb.com/lowvoltage
email info@gb.abb.com
Telephone 02476 368500
Facsimile 02476 368401
3/5
Switching - Changeover Switches
IP65 Steel Enclosure
3 - 4 pole
25 ... 800A
• IP65 rated (not suitable for external installation)
• Powder coated textured finish (RAL 7035)
• Hinged lid complete with 2 fastening screws (removable)
• Padlockable pistol grip handle as standard
• Removable gland plates fitted top and bottom (see below for knockout configurations)
• Spreader Boxes available see page 3/10
Rating @
415v
Cable Cross
Dimensions
Spreader
Number
[lth A]
Section mm2
H
W
D
Box
of Poles
Order Code
Price £
25
0.75 .. 10
300
240
120
SB1G
3
OT20TPC
208.95
4
OT20FPC
219.45
32
0.75 .. 10
300
240
120
SB1G
3
OT32TPC
213.26
4
OT32FPC
225.22
63
1.5..35
300
240
120
SB1G
3
OT63TPC
247.18
4
OT63FPC
263.92
125
10..70
300
240
120
SB1G
3
OT125TPC
338.25
4
OT125FPC
373.61
200*
Bolt M8x20
800
600
335
SB4G
3
OT200TPC
842.89
4
OT200FPC
909.70
315*
Bolt M10x30
800
600
335
SB4G
3
OT315TPC
962.27
4
OT315FPC
1,062.61
400*
Bolt M10x30
800
600
335
SB4G
3
OT400TPC
1,140.83
4
OT400FPC
1,250.68
630*
Bolt M12x40
800
600
335
SB4G
3
OT630TPC
1,432.39
4
OT630FPC
1,599.45
800*
Bolt M12x40
800
600
335
SB4G
3
OT800TPC
1,695.00
4
OT800FPC
1,890.91
Supplied with bridging bars (not fitted) *
Add 45mm to dimensions “D” for handle (all versions)
Knockout Configuration:
(One supplied blank, one supplied as below)
20 - 32A
2 x 20mm
1 x 25mm (centre)
63 - 100 - 125A
1 x 25m
1 x 32mm 1 x 40mm (centre)
160 - 800A
Blank gland plates
Automatic Changeover Panels
20A - 800A) depending on type
Types available on request
•
Contactor
•
Contactor with Phase Failure
•
MCCB
“New enclosure
dimensions
to improve
termination
of cables”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com