Electronic Components Datasheet Search
  English  ▼

X  

AOS160 Datasheet(PDF) 1 Page - ABB

Part # AOS160
Description  Switching - Loadbreak Switches IP65 Polycarbonate Enclosure
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

AOS160 Datasheet(HTML) 1 Page - ABB

  AOS160 Datasheet HTML 1Page - ABB AOS160 Datasheet HTML 2Page - ABB AOS160 Datasheet HTML 3Page - ABB AOS160 Datasheet HTML 4Page - ABB AOS160 Datasheet HTML 5Page - ABB AOS160 Datasheet HTML 6Page - ABB AOS160 Datasheet HTML 7Page - ABB AOS160 Datasheet HTML 8Page - ABB AOS160 Datasheet HTML 9Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
3
www.abb.com/lowvoltage
email info@gb.abb.com
Telephone 02476 368500
Facsimile 02476 368401
3/1
Switching
Overview
Contents
Loadbreak Switches . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3/2 - 3/4
Changeover Switches . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3/5
Switch Fuses . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3/6
Enclosed MCCBs
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3/7
Fuses . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3/8 - 3/9
Loadbreak and Switch Fuses Accesories . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3/10
Cam Switches . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3/11 - 3/12
3
www.abb.com/lowvoltage
email info@gb.abb.com
Telephone 02476 368500
Facsimile 02476 368401
3/1


Similar Part No. - AOS160

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
AOS2182471 CREE-AOS2182471 Datasheet
482Kb / 2P
CREE Silicon Carbide MOSFET Evaluation Kit
logo
Alpha & Omega Semicondu...
AOSD21307 AOSMD-AOSD21307 Datasheet
336Kb / 5P
30V Dual P-Channel MOSFET
Rev.1.0: November 2018
AOSD21311C AOSMD-AOSD21311C Datasheet
350Kb / 5P
30V Dual P-Channel MOSFET
Rev.1.0: May 2019
AOSD21313C AOSMD-AOSD21313C Datasheet
334Kb / 5P
30V Dual P-Channel MOSFET
Rev.1.1: September 2019
AOSN21319C AOSMD-AOSN21319C Datasheet
312Kb / 5P
30V P-Channel MOSFET
Rev.1.0: August 2019
More results

Similar Description - AOS160

ManufacturerPart #DatasheetDescription
logo
Altech corporation
ABOX060 ALTECH-ABOX060 Datasheet
142Kb / 1P
POLYSTYRENE/ POLYCARBONATE ENCLOSURE ABOX 060
AK12 ALTECH-AK12 Datasheet
177Kb / 1P
POLYSTYRENE/ POLYCARBONATE ENCLOSURE AK 12
AK28 ALTECH-AK28 Datasheet
251Kb / 1P
POLYSTYRENE/ POLYCARBONATE ENCLOSURE AK 28
EK002 ALTECH-EK002_13 Datasheet
66Kb / 1P
POLYSTYRENE/ POLYCARBONATE ENCLOSURE EK002
EK004 ALTECH-EK004 Datasheet
64Kb / 1P
POLYSTYRENE/ POLYCARBONATE ENCLOSURE EK004
EK008 ALTECH-EK008 Datasheet
67Kb / 1P
POLYSTYRENE/ POLYCARBONATE ENCLOSURE EK008
EK012 ALTECH-EK012 Datasheet
68Kb / 1P
POLYSTYRENE/ POLYCARBONATE ENCLOSURE EK012
EK024 ALTECH-EK024 Datasheet
77Kb / 1P
POLYSTYRENE/ POLYCARBONATE ENCLOSURE EK024
TK55 ALTECH-TK55 Datasheet
70Kb / 1P
POLYCARBONATE ENCLOSURE TK 55
TK75 ALTECH-TK75 Datasheet
67Kb / 1P
POLYCARBONATE ENCLOSURE TK 75
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com