Electronic Components Datasheet Search
  English  ▼

X  

BS10 Datasheet(PDF) 4 Page - TOKYO KEISO CO.,LTD.

Part # BS10
Description  Single-use ultrasonic flowmeter for liquids
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

BS10 Datasheet(HTML) 4 Page - TOKYO KEISO CO.,LTD.

  BS10 Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. BS10 Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. BS10 Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. BS10 Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. BS10 Datasheet HTML 5Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TG-F2038-E02
BS
□□/SFC4000-EV Single-use ultrasonic flowmeter for liquids
4
TOKYO KEISO CO., LTD.
CAUTIONS ON INSTALLATION
• To ensure accurate, stable measurement, do not bend the
connecting tube during installation to avoid stress from the piping.
• Install the instrument in a place where no bubbles are contained in
the tubing.
• Keep the measuring tube filled with liquid. Although the instrument
can be installed with horizontal, vertical, or slanted tubing, it is
recommended to select a position for easy self-draining.
• Install a control valve downstream of the instrument, if necessary.
• Install the flow detector and converter away from noise sources
such as power relays and solenoid valves.
• Lay the signal cable away from power cables of high voltage or
current.
DIMENSIONS
Detector
BS10, BS15, BS20
The cable connector and main-body
unit connection are color-coded:
"red" for upper ow and "black" for
lower ow.
Model
Meter size
Connecting
tube size
(Inner
diameter)
Size (mm)
D
d1
d2
A
B
L
C
E
F
G
BS10
10 mm
1/2"
14.5
12.7
9.5
110±1
176
194
50
100
19.3
32
BS15
15 mm
3/4"
21.7
19.1
14.7
165±2
234
252
68
136
20
32
BS20
20 mm
1"
27.9
25.4
20.3
220±2
294
312
81
162
25
32
Materials of flow detector
No.
Parts
Material
1
Body
PUS
2
Sensor cap
PSU
3
BNC connector
Nickel plating
4
Connector mold
PVC
5
Cable
PVC coating
6
Connector cap
PP
7
MMCX connector
Gold platng



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com