Electronic Components Datasheet Search
  English  ▼

X  

CDT1000 Datasheet(PDF) 2 Page - TOKYO KEISO CO.,LTD.

Part # CDT1000
Description  Multi-Digital Flowmeter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

CDT1000 Datasheet(HTML) 2 Page - TOKYO KEISO CO.,LTD.

  CDT1000 Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. CDT1000 Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. CDT1000 Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. CDT1000 Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. CDT1000 Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. CDT1000 Datasheet HTML 6Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CDT1000 QUICK FLOW for Air Conditioning Application Digital Flowmeter
TG-F976-6E
2
TOKYO KEISO CO., LTD.
● Standard full scale range [SGP,STPG(40~450mm)pipe]
mm
inch
05
10
20
20
3/4
50
70
100
(26)
25
1
70
100
150
(34)
32
1-1/4
120
160
250
(43)
40
1-1/2
130
200
300
41.6
41.2
50
2
200
300
450
52.9
52.7
65
2-1/2
400
500
700
67.9
65.9
80
3
500
700
1000
80.7
78.1
100
4
900
1300
1800
105.3
102.3
125
5
1300
2000
2800
130.8
126.6
150
6
2000
3000
4000
155.2
151.0
200
8
3500
5000
7000
204.7
199.9
250
10
5000
7000
10000
254.2
248.8
300
12
8000
10000
16000
304.7
297.9
350
14
10000
13000
20000
339.8
333.4
400
16
13000
18000
25000
390.6
381.0
450
18
16000
20000
30000
441.4
428.6
Process
pipe size
Full scale range [L/min]
Inside dia. (mm)
Code
1MPa
2MPa
Refer to
following
table
mm
inch
10
20
50
(mm)
20
3/4
50
70
100
21.4
25
1
70
100
150
27.2
32
1-1/4
120
160
250
35.5
Inside dia.
Code
Full scale range [L/min]
Process
pipe size
2) Current output type
Power supply
:24V DC 10%
Output
:4-20mA DC (2-wire)
Max. load
:600
Ω
Output accuracy
:
0.5% F.S. at 23oC
Response
:Less than 2 s (At filter setting 0)
3) Alarm output type
Power Supply
: 24V DC
10%
Power Consumption : Less than 25mA
Alarm Output
: Open Collector x 2 (Independent)
(When the totalized pulse output option is
added, the alarm output can be set only at
either a high or low limit.)
Totalized pulse output : Pulse width : 200 to 300ms
Frequency
: Less than 1Hz
Load
: Less than 30V DC / 80mA
Response
: Less than 2 s (At Filter setting 0)
Alarm setting
: Selectable (high / Low),
Reset Span: Adjustable / Min. 1digit
Output
: 4-20mA DC
Max. load
: 600
Ω
Output Accuracy
:
0.5%F.S.at 23oC
● Cable entry
● Standard full scale range [PVC lined pipe]
● Standard full scale range [2MPa version = 20~32mm]
Note
1) The inside diameter of pipe size 20 to 32mm in 1MPa is based on
three-way socket (JIS B 2301).
(It is possible to attach three-way socket as option.)
2) The inside diameter of pipe size 20 to 32mm in 2MPa is based on
three-way socket (Sch.40). (Supplied by customer.)
3) 40mm or more, the inside diameter of in 1MPa specification is
based on Carbon steel tube for ordinary piping SGP (JIS G3452),
and the inside diameter of in 2MPa specification is based on
Carbon steel pipes for pressure piping STPG (JIS G 3454 Sch40).
4) Full-scale flow rates for the PVC lining pipe are calculated based
on the inner diameter of ESLON ESLOCOAT LX tee fittings
(Sekisui Chemical Co., Ltd). If you use other fittings, additional
calibration is needed. Please determine the values of “D” and
“L” in the figure at the end of this document and the kind of pipe
and then contact us.
mm
inch
05
10
20
32
1-1/4
75
100
150
29.5
40
1-1/2
100
130
200
34.7
50
2
170
250
350
46.2
65
2-1/2
300
400
600
59.7
80
3
450
650
900
70.9
100
4
800
1000
1600
95.2
125
5
1200
1800
2500
119.7
150
6
1700
2500
3500
142
(mm)
Inside dia.
Code
Full scale range [L/min]
Process
pipe size
Type
Cable entry
Battery type
Current output type
Alarm output type
Acceptable cable outside diameter
3
∼8mm
: Yes
: No
OPTION (Factory set)
● Totalizing indication
Selection of totalizer function
CODE : /TLZ
● Totalized indication + Pulse output
CODE : /PUL
OPTION (Others)
● Refer to “MODEL CODE”
● Specification and function of each type
1) Battery type
Battery
:Alkali battery (LR6) x 2 pcs.
Battery life
:Approx. 2 years at 23oC
Auto power off mode selectable
Low Battery monitor as standard



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com