Electronic Components Datasheet Search
  English  ▼

X  

DIR-530 Datasheet(PDF) 2 Page - TOKYO KEISO CO.,LTD.

Part # DIR-530
Description  DIGITAL TANK DATA INDICATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

DIR-530 Datasheet(HTML) 2 Page - TOKYO KEISO CO.,LTD.

  DIR-530 Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. DIR-530 Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. DIR-530 Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. DIR-530 Datasheet HTML 4Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DIR-530 DIGITAL TANK DATA INDICATOR
2TOKYO KEISO CO., LTD.
TG-L1006-1E
STANDARD SPECIFICATION and OUTLINE OF FUNCTION
CONNECTABLE TRANSMITTERS
Connectable transmitters Tokyo Keiso's single direction type
: DM4-1
Tokyo Keiso's bi-direction type
: FW-9000N/DM4-2-1
Number of connectable
transmitters
Standard
: 1
Single direction type : max. 4
Bi-direction type
: max.16
Item
Specification
Including transmission format compatible transmitter
Can not be connected at the same time to transmitters with
different transmission format.
Remark
OUTPUT SIGNALS
4-20mA output
1) 2 contacts
2) For output of level and temperature
3) Output range 3.6 to 21.6mA
4) Source standard. Sink is also available.
5) External power supply DC 24V at the time of sink.
6) Load resistance Max. 500
Ω.
7) Accuracy : better than
0.1% (F.S.)
8) Temperature coefficient : less than
0.01%(F.S.) /
°C
Relay output for alarm
1) 2 contacts
2) For alarm of level, temperature and transmitter abnormal conditions
3) Contact type
: NO, NC (C contact output)
4) Contact capacity : AC125V 0.3A
: DC 30V 0.3A
Both are load resistance.
Item
Specification
Applicable only when one transmitter is connected. Zero and
span can be changed or set freely.
Applicable only when one transmitter is connected. Any 2
point alarms are selected freely from 4 level alarms, 2
temperature alarms and transmitter abnormal condition by the
setting.
Serial output
Parallel output
1) Interface : RS-232C signal level or RS-485
2) Protocol Modbus (RTU mode)
3) Baud rate : 2400/4800/9600/19200bps
1) Type 1 or Type 2
2) I/O insulated type by photo coupler
To be connected to terminals.
Changes of I/O assignment are not allowed.
Type 1 : Request is provided, Ready is provided
Type 2 : Request is not provided, Ready is provided
Remark
FUNCTION AND RATING
Indication
Tank No.
: 1 digit
Level
: 6 digits [mm]
: Indicated in 0.1 mm unit for FW-9000
Temperature : 4 digits [
°C] in 0.1 unit
Status
: 2 digits
Indicates alarm/error/displacer status of the tank that is currently
indicated in symbols.
Others
: 24 digits LED
Indicates operation mode/displacer status/alarm status of the tank that is
currently indicated in LED individually.
Key operation
UP, RIGHT, ENTER total 3 keys,
membrane type, 8 mm diameter
Item
Specification
When multiple tanks are connected, automatic scanning is
conducted and tank data on indication is updated with every
data entry.
Alarm setting and alarm
determination
Displacer control
Following alarm points can be set for each tank
4 points of level alarms (HH/H/L/LL) and 2 points of temperature alarms
(TH/TL)
Remote operation of displacer such as measuring, lifting, stoppage.
Alarms are determined by comparing input signals and setting
values when signals enter. However, alarm indication is shown only
for the selected current tank. Alarm operation is of non-lock type.
Applicable only when FW-9000N is connected. Status of
displacer is shown on status and LED.
Avoid condensation.
Metal fitting for panel mounting is attached.
Supply voltage
AC85
∼ 250V, 50/60Hz
Rated power
20VA at steady state
Ambient environment on
operation
Installation
Temperature : 10 to 40
°C
Humidity : 20 to 80%
Panel mount
Panel cut 90.5 mm (W)
90.5 mm (H) with tolerance +1,–0
Except rear terminal
Outline dimension
96(W)
96(H)
265(D)
Painting color
Panel : Black Body : SPCC chrome plating
Weight
Approx. 2kg
Accessory
Fuse : 1 set (1.0A
2, 0.5A
2)
Metal fitting for panel installation : 1 set
Terminal construction
Plug-in screw clamping type terminal
Applicable standard
RoHS
Conformable wire
Power supply, grounding : 0.5~2.5mm2
Other signals
: 0.5
∼1.5mm2
Remark
OUTLINE DIMENSIONS
DIR-530
FRONT VIEW
SIDE VIEW
PANEL CUT DIMENSION
Panel
Metal fitting for
panel installation
REAR VIEW
96.6
13
90
252
30
90.5
+1
-0
This drawing shows DIR-532 witch has parallel
output connectors behind the body.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com