Electronic Components Datasheet Search
  English  ▼

X  

ATSDMC Datasheet(PDF) 16 Page - ABB

Part # ATSDMC
Description  Switchgear Enclosed switch disconnectors, switch fuses and transfer switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

ATSDMC Datasheet(HTML) 16 Page - ABB

Back Button ATSDMC Datasheet HTML 12Page - ABB ATSDMC Datasheet HTML 13Page - ABB ATSDMC Datasheet HTML 14Page - ABB ATSDMC Datasheet HTML 15Page - ABB ATSDMC Datasheet HTML 16Page - ABB ATSDMC Datasheet HTML 17Page - ABB ATSDMC Datasheet HTML 18Page - ABB ATSDMC Datasheet HTML 19Page - ABB ATSDMC Datasheet HTML 20Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16 Enclosed Switching Products 0115 ABB Low Voltage
17 Enclosed Switching Products 0115 ABB Low Voltage
Enclosed manual & automatic transfer switches
Selection
Description
Rated
Current
(A)
Enclosure Size (mm)
Order Code
H
W
D
MTS 40A
40
400
300
150
OT40FPC-B
MTS 63A
63
400
300
150
OT63FPC-B
MTS 80A
80
400
300
150
OT80FPC-B
MTS 100A
100
500
400
250
OT100FPC-B
MTS 125A
125
500
400
250
OT125FPC-B
MTS 160A
160
600
400
250
OT160FPC-B
MTS 200A
200
600
400
250
OT200FPC-B
MTS 250A
250
600
400
250
OT250FPC-B
MTS 315A
315
800
600
300
OT315FPC-B
MTS 400A
400
800
600
300
OT400FPC-B
MTS 630A
630
1000
600
400
OT630FPC-B
MTS 800A
800
1000
600
400
OT800FPC-B
Description
Rated
Current
(A)
Enclosure Size (mm)
Controller OMD300
H
W
D
Part Number
Order Code
ATS 40A
40
600
600
250
OTA40E4C3SR
1TVC004014S3000
ATS 63A
63
600
600
250
OTA63E4C3SR
1TVC006314S3000
ATS 125A
125
600
600
250
OTA125E4C3SR
1TVC012514S3000
ATS 160A
160
600
600
250
OTA160E4C3SR
1TVC016014S3000
ATS 250A
250
600
600
250
OTA250E4C3SR
1TVC025014S3000
ATS 400A
400
800
600
300
OTA400E4C3SR
1TVC040014S3000
ATS 630A*
630
1000
800
400
OTA630E4C3AM
1TVC063024S3000
ATS 800A*
800
1000
800
400
OTA800E4C3AM
1TVC080024S3000
ATS 1000A*
1000
1400
800
500
OTA1000E4C3AM
1TVC100024S3000
ATS 1250A*
1250
1400
800
500
OTA1250E4C3AM
1TVC125024S3000
ATS 1600A*
1600
1400
800
500
OTA1600E4C3AM
1TVC160024S3000
Description
Rated
Current
(A)
Enclosure Size (mm)
Controller OMD800
H
W
D
Part Number
Order Code
ATS 40A
40
600
600
250
OTA40E4C8SR
1TVC004014S8000
ATS 63A
63
600
600
250
OTA63E4C8SR
1TVC006314S8000
ATS 125A
125
600
600
250
OTA125E4C8SR
1TVC012514S8000
ATS 160A
160
600
600
250
OTA160E4C8SR
1TVC016014S8000
ATS 250A
250
600
600
250
OTA250E4C8SR
1TVC025014S8000
ATS 400A
400
800
600
300
OTA400E4C8SR
1TVC040014S8000
ATS 630A*
630
1000
800
400
OTA630E4C8AM
1TVC063024S8000
ATS 800A*
800
1000
800
400
OTA800E4C8AM
1TVC080024S8000
ATS 1000A*
1000
1400
800
500
OTA1000E4C8AM
1TVC100024S8000
ATS 1250A*
1250
1400
800
500
OTA1250E4C8AM
1TVC125024S8000
ATS 1600A*
1600
1400
800
500
OTA1600E4C8AM
1TVC160024S8000
* Floor standing - plinths from accessories below.
Bypass options are available on request.
Other wall mounting and floor standing versions available on request.
Enclosed manual transfer switches, I-O-II operation, open transition
• MTS 4 pole 40 to 800A with blank door, wall mountable
Enclosed automatic transfer switches, I-O-II operation, open transition
• ATS 4 pole 40 to 1600A with OMD300 & OMD800 controller, blank door, wall mountable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com