Electronic Components Datasheet Search
  English  ▼

X  

AD2S100 Datasheet(PDF) 12 Page - Analog Devices

Part # AD2S100
Description  AC Vector Processor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S100 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD2S100 Datasheet HTML 4Page - Analog Devices AD2S100 Datasheet HTML 5Page - Analog Devices AD2S100 Datasheet HTML 6Page - Analog Devices AD2S100 Datasheet HTML 7Page - Analog Devices AD2S100 Datasheet HTML 8Page - Analog Devices AD2S100 Datasheet HTML 9Page - Analog Devices AD2S100 Datasheet HTML 10Page - Analog Devices AD2S100 Datasheet HTML 11Page - Analog Devices AD2S100 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
AD2S100
REV. A
–12–
DIGITAL-TO-RESOLVER AND SYNCHRO CONVERSION
The AD2S100 can be configured for use as a 12-bit digital-to-
resolver (DRC) or synchro converter (DSC). DRCs and DSCs
are used to simulate the outputs of a resolver or a synchro. The
simulated outputs are represented by the transforms outlined
below.
Resolver Outputs
Asin
ωt.cosφ
Asin
ωt.sinφ
Synchro Outputs
Asin
ωt.sinφ
Asin
ωt.sin (φ + 120
°)
Asin
ωt.sin (φ + 240
°)
where:
Asin
ωt = fixed ac reference
φ = digital input angle, i.e., shaft position
The waveforms are shown in Figures 18 and 19.
360
°
90
°
R2 TO R4
(REF)
0
°
S3 TO S1
(SIN)
S2 TO S4
(COS)
270
°
180
°
θ
Figure 18. Electrical Representation and Typical Resolver
Signals
360
°
90
°
0
°
S1 TO S2
270
°
180
°
θ
S2 TO S3
S3 TO S1
R1 TO R2
Figure 19. Electrical Representation and Typical Synchro
Signals
Configuring the AD2S100 for DRC and DSC operation is done
by the following.
DRC—Must Select Mode 1
Inputs
PH/IP4
Pin 11
AGND
PH/IP1
Pin 1
Reference Asin
ωt
Outputs
PH/OP1
Pin 7
Asin
ωt Cosφ
PH/OP4
Pin 6
Asin
ωt Sinφ
DSC—Must Select Mode 1
Inputs
PH/IP4
Pin 11
Reference Asin
ωt
PH/IP1
Pin 17
AGND
Outputs
PH/OP1
Pin 7
–Asin
ωt Sinφ
PH/OP2
Pin 9
–Asin
ωt Sin (φ + 120°)
PH/OP3
Pin 8
–Asin
ωt Sin (φ + 240°)
NOTES
1. Valid information is only available after the strobe pulse and BUSY go low.
For more information on DRCs see the AD2S65/AD2S66 data sheet.
2. To correct for inverse phasing of the DSC outputs the reference should be
inverted, or the MSB can be inverted.
APPLICATION NOTES LIST
1. “Vector Control Using a Single Vector Rotation Semiconduc-
tor for Induction and Permanent Magnet Motors,” by F. P.
Flett, Analog Devices.
2. “Gamana – DSP Vector Coprocessor for Brushless Motor
Control,” by Analog Devices and Infosys Manufacturing
System.
3. “Silicon Control Algorithms for Brushless Permanent Magnet
Synchronous Machines,” by F. P. Flett.
4. “Single Chip Vector Rotation Blocks and Induction Motor
Field Oriented Control,” by A. P. M. Van den Bossche and
P. J. M. Coussens.
5. “Three Phase Measurements with Vector Rotation Blocks in
Mains and Motion Control,” P. J. M. Coussens, et al.
6. “Digital to Synchro and Resolver Conversion with the AC
Vector Processor AD2S100,” by Dennis Fu.
7. “Experiment with the AD2S100 Evaluation Board,” by
Dennis Fu.
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
44-Lead Plastic Leaded Chip Carrier (P-44A)
0.032 (0.81)
0.026 (0.66)
0.021 (0.53)
0.013 (0.33)
0.056 (1.42)
0.042 (1.07)
0.025 (0.63)
0.015 (0.38)
0.180 (4.57)
0.165 (4.19)
0.63 (16.00)
0.59 (14.99)
0.110 (2.79)
0.085 (2.16)
0.040 (1.01)
0.025 (0.64)
0.050
(1.27)
BSC
0.656 (16.66)
0.650 (16.51)
SQ
0.695 (17.65)
0.685 (17.40)
SQ
0.048 (1.21)
0.042 (1.07)
0.048 (1.21)
0.042 (1.07)
40
6
TOP VIEW
39
29
18
17
PIN 1
IDENTIFIER
7
28
0.020
(0.50)
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com