Electronic Components Datasheet Search
  English  ▼

X  

ISL98608 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL98608
Description  High Efficiency Single Inductor Positive/Negative Power Supply
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL98608 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL98608 Datasheet HTML 9Page - Renesas Technology Corp ISL98608 Datasheet HTML 10Page - Renesas Technology Corp ISL98608 Datasheet HTML 11Page - Renesas Technology Corp ISL98608 Datasheet HTML 12Page - Renesas Technology Corp ISL98608 Datasheet HTML 13Page - Renesas Technology Corp ISL98608 Datasheet HTML 14Page - Renesas Technology Corp ISL98608 Datasheet HTML 15Page - Renesas Technology Corp ISL98608 Datasheet HTML 16Page - Renesas Technology Corp ISL98608 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
ISL98608IIH
FN8724 Rev.2.01
Page 13 of 33
Dec 7, 2021
FIGURE 34. VP AND VN (±5V) SOFT-START AT 5V INPUT VOLTAGE,
VP/VN SEQUENCED (Reg 0x04 <b4> = 0)
FIGURE 35. VP AND VN (±5V) SHUTDOWN, VP/VN SEQUENCED
(Reg 0x05 <b4> = 0)
FIGURE 36. VP AND VN (±5V) SOFT-START AT 2.5V INPUT VOLTAGE,
VP/VN START TOGETHER (Reg 0x04 <b4> = 1)
FIGURE 37. VP AND VN (±5V) SOFT-START AT 3.7V INPUT VOLTAGE,
VP/VN START TOGETHER (Reg 0x04 <b4> = 1)
FIGURE 38. VP AND VN (±5V) SOFT-START AT 5V INPUT VOLTAGE,
VP/VN START TOGETHER (Reg 0x04 <b4> = 1)
FIGURE 39. VP AND VN (±5V) SHUTDOWN, VP/VN SHUTDOWN
TOGETHER (Reg 0x05 <b4> = 1)
Typical Performance Curves T
A = +25°C, VIN = 3.7V, L1 = 1239AS-H-2R2M (2.5mmx2mm), CVBST = 10µF/0402,
CVP = 10µF/0402, CVN = 2 x 10µF/0402, CCP = 10µF/0402 unless otherwise noted. (Continued)
INDUCTOR CURRENT
1ms/DIV
CH2 = 2V/DIV, CH3 = 2V/DIV, CH4 = 500mA/DIV
VN
VP
INDUCTOR CURRENT
1ms/DIV
CH2 = 2V/DIV, CH3 = 2V/DIV, CH4 = 500mA/DIV
VN
VP
INDUCTOR CURRENT
1ms/DIV
CH2 = 2V/DIV, CH3 = 2V/DIV, CH4 = 500mA/DIV
VN
VP
INDUCTOR CURRENT
1ms/DIV
CH2 = 2V/DIV, CH3 = 2V/DIV, CH4 = 500mA/DIV
VN
VP
1ms/DIV
CH2 = 2V/DIV, CH3 = 2V/DIV, CH4 = 500mA/DIV
VN
VP
INDUCTOR CURRENT
1ms/DIV
CH2 = 2V/DIV, CH3 = 2V/DIV, CH4 = 500mA/DIV
VN
VP
INDUCTOR CURRENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com