Electronic Components Datasheet Search
  English  ▼

X  

192P Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 192P
Description  Polyester Film/Foil Capacitors Sleeved, Miniature, Axial Lead
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

192P Datasheet(HTML) 4 Page - Vishay Siliconix

  192P Datasheet HTML 1Page - Vishay Siliconix 192P Datasheet HTML 2Page - Vishay Siliconix 192P Datasheet HTML 3Page - Vishay Siliconix 192P Datasheet HTML 4Page - Vishay Siliconix 192P Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.vishay.com
73
Type 192P Pacer
®
Vishay Sprague
Document Number: 42024
Revision 13-Nov-03
For technical questions, contact spresale@vishay.com
600 VDC/200 VAC*
192P272X9600
192P332X9600
192P392X9600
192P472X9600
192P562X9600
192P682X9600
192P822X9600
192P103X9600
192P123X9600
192P153X9600
192P183X9600
192P223X9600
192P273X9600
192P333X9600
** Specific quantities can be tape and reeled per EIA Standard RS-296-D. The 192P Pacer® is available in bulk pack or tape and reeled per
EIA Standard RS-296-D. A suffix is not required for bulk packaging.
L
SIZE
D
CAPACITANCE
(
µF)
PART NUMBER
STANDARD RATINGS in inches [millimeters]
0.250 [6.350]
0.250 [6.350]
0.315 [8.00]
0.315 [8.00]
0.315 [8.00]
0.315 [8.00]
0.343 [8.712]
0.343 [8.712]
0.343 [8.712]
0.343 [8.712]
0.343 [8.712]
0.343 [8.712]
0.343 [8.712]
0.343 [8.712]
0.687 [17.450]
0.687 [17.450]
0.770 [19.558]
0.770 [19.558]
0.770 [19.558]
0.770 [19.558]
0.770 [19.558]
0.770 [19.558]
1.020 [25.908]
1.020 [25.908]
1.020 [25.908]
1.020 [25.908]
1.332 [33.833]
1.332 [33.833]
0.0027
0.0033
0.0039
0.0047
0.0056
0.0068
0.0082
0.01
0.012
0.015
0.018
0.022
0.027
0.033
* 60Hz rms.
STANDARD MARKING FORMAT
1250
1000
1000
750
CLASS II, LEVEL 1, .400" [10.160] PITCH
3000
3000
P303
P304
CLASS I, LEVEL 1, .200" [5.080] PITCH
THEN ADD THE
"P" SUFFIX
P305
P384
P347
P347
0.153 [3.886]
0.185 [4.699]
0.229 [5.817]
0.250 [6.350]
0.315 [8.00]
0.343 [8.712]
IF THE "D"
DIMENSION IS:
PACKAGING in inches [millimeters]
ORDERING INFORMATION
This is expressed
in volts.
A suffix may be
added by the factory
to denote special
construction,
packaging, marking,
etc.
192P
TYPE
222
CAPACITANCE
This is expressed in
picofarads. The first
two digits are the
significant figures.
The third is the
number of zeros to
follow (Ex. 222 =
2200pF = .0022µF;
473 = 47000pF =
.047µF, etc.)
X9
CAPACITANCE
TOLERANCE
200
DC VOLTAGE RATING
X0 = ± 20%
X9 = ± 10%
X5 = ± 5%
➁
192P
200 V
222K
9325
Sprague® identification
Type
DC Voltage rating, Volts
Capacitance (See How to Order) and
Tolerance
Weekly date code (i.e. 25th week of 1993)
SAMPLE MARKING
➁192P200 V
222K9325
TOLERANCE CODES
PER EIA STANDARDS
J= ± 5%
K= ± 10%
M= ± 20%
STANDARD
QUANTITY PER REEL**
DESCRIPTION
* Tape & Reel.
T*
XXXX



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com