Electronic Components Datasheet Search
  English  ▼

X  

SC5502 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SC5502
Description  SMP Male Limited Detent Connector Stub Terminal Solder Attachment Thread-In
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SC5502 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SC5502 Datasheet HTML 1Page - Infinite Electronics International, Inc. SC5502 Datasheet HTML 2Page - Infinite Electronics International, Inc. SC5502 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
REV 2.1 Page 1 of 3
Copyright © 2019
SMP male limited detent thread-in mount connector with solder attachment stub
terminal, part number SC5502, from Fairview Microwave is in-stock and ships
same day. This SMP male connector operates up to a maximum frequency of
50 GHz and offers good VSWR of 1.3:1. This blind mate connector is ideal for
applications without direct visual or tactile access to the connection point, for
example, when two circuit boards need to be mated.
Fairview’s SMP male thread-in connector SC5502 datasheet specifications and
outline drawing are shown in this PDF below. Our extensive offering of RF,
microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. From providing an I/O
for a board design to creating a custom cable assembly configuration, Fairview
Microwave has a connector solution to meet your needs. Fairview Microwave also
has the expertise to build your custom cable assemblies for you and ship them
same-day.
Electrical Specifications
Description
Min
Typ
Max
Units
Frequency Range
DC
50
GHz
VSWR
1.3:1
.
Mechanical Specifications
Size
Length
0.19 in [4.83 mm]
.
Weight
0.0025 lbs [1.13 g]
.
Material Specifications
.
Description
Material
Plating
Contact
Beryllium Copper
Gold
MIL-G-45204
.
Insulation
PTFE
.
Body
Passivated Stainless Steel
AMS-QQ-P-35
Environmental Specifications
Temperature
Operating Range
-65 to +165 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
SC5502
DATA SHEET
SMP Male Limited Detent Connector Stub Terminal
Solder Attachment Thread-In
Fairview Microwave
301 Leora Ln., Suite 100
Lewisville, TX 75056
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Configuration:
• Limited Detent SMP Male Con-
nector
• MIL-STD-348
• 50 Ohms
• Straight Body Geometry
• Stub Interface Type
• Solder Attachment
• Thread-In
Features:
• Operating Frequency
of 50 GHz Max.
• Good VSWR of 1.3:1
• Blind Mate Connector
• Gold Plated Beryllium
Copper Contact
• Contact plating according
to MIL-G-45204
Applications:
• General Purpose Test


Similar Part No. - SC5502

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC5500 FAIRVIEW-SC5500 Datasheet
269Kb / 3P
The Right Parts, Right Away SMP Male (Plug) Threaded Full Detent Shroud
REV B
SC5504 FAIRVIEW-SC5504 Datasheet
586Kb / 3P
SC5504 DATA SHEET SMP Male (Plug) Full Detent Connector Stub Terminal, Solder Thread-In
REV 2.2A
SC5508 FAIRVIEW-SC5508 Datasheet
36Kb / 1P
REV FAIRVIEW MICROWAVE INC. ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM SMP MALE THREAD IN SHROUD SHEET
REV A
More results

Similar Description - SC5502

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44481 PASTERNACK-PE44481 Datasheet
351Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Surface Mount PCB
PE44909 PASTERNACK-PE44909 Datasheet
377Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Thread- In Mount Pin Terminal .065 inch Pin Length
PE44912 PASTERNACK-PE44912 Datasheet
374Kb / 3P
SMP Male Full Detent Connector Solder Attachment Thread- In Mount Pin Terminal .065 inch Pin Length
PE44922 PASTERNACK-PE44922 Datasheet
370Kb / 3P
SMP Male Limited Detent Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal .050 inch Pin Length
PE44923 PASTERNACK-PE44923 Datasheet
369Kb / 3P
SMP Male Limited Detent Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal .060 inch Pin Length
PE44924 PASTERNACK-PE44924 Datasheet
370Kb / 3P
SMP Male Limited Detent Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal .065 inch Pin Length
PE44926 PASTERNACK-PE44926 Datasheet
370Kb / 3P
SMP Male Limited Detent Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal .070 inch Pin Length
PE44931 PASTERNACK-PE44931 Datasheet
374Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Thread-In Mount Pin Terminal .080 Inch Extended Dielectric and .070 inch Pin Length
PE44942 PASTERNACK-PE44942 Datasheet
372Kb / 3P
SMP Male Limited Detent Connector Solder Attachment .092 inch End Launch PCB
PE44953 PASTERNACK-PE44953 Datasheet
368Kb / 2P
SMP Male Limited Detent Shroud Thread-In Mount
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com